Electronic Components Datasheet Search
  English  ▼

X  

SC251EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC251EVB
Description  Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC251EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC251EVB Datasheet HTML 3Page - Semtech Corporation SC251EVB Datasheet HTML 4Page - Semtech Corporation SC251EVB Datasheet HTML 5Page - Semtech Corporation SC251EVB Datasheet HTML 6Page - Semtech Corporation SC251EVB Datasheet HTML 7Page - Semtech Corporation SC251EVB Datasheet HTML 8Page - Semtech Corporation SC251EVB Datasheet HTML 9Page - Semtech Corporation SC251EVB Datasheet HTML 10Page - Semtech Corporation SC251EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
SC251
POWER MANAGEMENT
Pin#
Pin Name
Pin Function
1
VIN
Input supply pin.
2
VREF
A 2.85V LDO reference voltage supply - 10mA max load that can be used as a supply
for power amplifier bias inputs.
3GD
A push pull external PFET Gate drive control output - connect to the gate of an external
MOSFET to control a low resistance path between V
IN and VOUT when low voltage
drop is needed (optional - if not used leave floating). A low state turns on the MOSFET.
4
EN
Enable pin - controls both the switching converter and the VREF output. Active high.
5
VMODE
Input control to select the V
DAC to VOUT profile (high = low power, low = high power).
6
VDAC
Analog control voltage input - ranges between 0.3 and 1.2V for exponential control of
V
OUT ,
V
DAC > 1.28 enables pass-through mode (using internal pass MOSFET or
optional low R
DSON MOSFET controlled by GD).
7
GND
System and logic ground.
8
VOUT
Output voltage pin.
9
PGND
Ground reference for internal N-channel MOSFET.
10
LX
Switch node connection to inductor. This pin connects to the drains of the internal
main and synchronous power MOSFET switches.
T
Thermal Pad
Pad for heatsinking purposes. Connect to ground plane using multiple vias.
Not connected internally.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com