Electronic Components Datasheet Search
  English  ▼

X  

SC251EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC251EVB
Description  Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC251EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC251EVB Datasheet HTML 4Page - Semtech Corporation SC251EVB Datasheet HTML 5Page - Semtech Corporation SC251EVB Datasheet HTML 6Page - Semtech Corporation SC251EVB Datasheet HTML 7Page - Semtech Corporation SC251EVB Datasheet HTML 8Page - Semtech Corporation SC251EVB Datasheet HTML 9Page - Semtech Corporation SC251EVB Datasheet HTML 10Page - Semtech Corporation SC251EVB Datasheet HTML 11Page - Semtech Corporation SC251EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
SC251
POWER MANAGEMENT
SC251 Detailed Description
The SC251 is a step-down, fixed frequency pulse-width
modulated DC-DC converter designed for use with RF power
amplifiers (PAs) in WCDMA handsets and modules.
The output is used to supply DC power to the PA
rather than connecting the DC input pin directly to the
battery supply. A substantial system power efficiency
improvement can be achieved by allowing the system
controller to adaptively adjust the DC voltage to the PA,
reducing the total power consumption of the device. To
maximize efficiency at all RF output gain settings, the PA
supply voltage is adjusted exponentially, minimizing PA
supply headroom and losses. The benefit of having an
exponential V
OUT vs. VDAC relationship is clearly seen when
plotted on the same graph as linear relationships, see
following figure. The SC251 V
OUT vs. VDAC transfer function is
optimized to provide the lowest supply voltage to maintain
the PA’s linearity. This provides the best possible balance
between Adjacent Channel Leakage Ratio (ACLR) margin
and efficiency requirements.
By using a switching regulator, less current is needed
than when the PA is connected directly to the battery or
an LDO. Reduced current consumption results in more
talk-time for the handset.
Operation Modes
The SC251 output voltage is dependent on the V
DAC analog
control voltage and the V
MODE digital control input. In each
mode V
OUT follows a different VDAC transfer function that is
designed to produce maximum power amplifier efficiency.
When V
MODE is high the device is in low power mode, and
when V
MODE is low the device switches to high power
mode. The relationships between V
OUT and VDAC in both
modes are optimized to achieve the best efficiency from
a dual-mode PA design These relationships are shown
in the following figure. The system controller determines
the output power level needed from the PA and adjusts
the V
DAC voltage accordingly. The SC251 monitors the VDAC
voltage and adjusts the output voltage supply to the PA to
optimize efficiency and maintain PA linearity.
Figure 2 - V
DAC to VOUT Transfer Functions
Figure 1 - Advantage of exponential Transfer Function
V
DAC(V)
Exponential function
advantage over linear
function
Signal
amplitude (V)
Margin to maintain
PA linear operation
Low Power Mode
The SC251 enters low power mode when the V
MODE pin is
pulled high. In this mode the V
DAC to VOUT transfer function
is set to follow the dotted line curve shown in Figure 2.
The output voltage starts at 0.5V for low power settings
and increases exponentially until it reaches the maximum
of 3.4V. If the power control for the PA requires the output
voltage to exceed 3.4V, then the SC251 goes into pass-
through mode and V
OUT is equal to VIN minus the voltage
dropped across the pass-through device (see pass-through
mode for more details).
A typical WCDMA load profile for low power mode, with
the minimum and maximum current limits, is shown in
Figure 3.
V
DAC(V)
V
IN - Vdropout
LOW
POWER
MODE
HIGH
POWER
MODE
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com