Electronic Components Datasheet Search
  English  ▼

X  

SC412A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC412A Datasheet HTML 4Page - Semtech Corporation SC412A Datasheet HTML 5Page - Semtech Corporation SC412A Datasheet HTML 6Page - Semtech Corporation SC412A Datasheet HTML 7Page - Semtech Corporation SC412A Datasheet HTML 8Page - Semtech Corporation SC412A Datasheet HTML 9Page - Semtech Corporation SC412A Datasheet HTML 10Page - Semtech Corporation SC412A Datasheet HTML 11Page - Semtech Corporation SC412A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
SC412A Synchronous Buck Controller
The SC412A is a synchronous power supply controller which
simplifies the task of designing a power supply suitable for
powering low voltage circuits.
Battery and +5V Bias Supplies
The SC412A requires an external +5V bias supply in ad-
dition to the battery. If stand-alone capability is required,
the +5V supply can be generated with an external linear
regulator.
Pseudo-Fixed-Frequency Constant On-Time
PWM Controller
The PWM control method is a constant-on-time, pseudo-
fixed-frequency PWM controller, see Figure 1. The ripple
voltage seen across the output capacitor’s ESR provides
the PWM ramp signal, eliminating the need for a current
sense resistor. The on-time is determined by an internal
one-shot whose period is proportional to output voltage,
and inversely proportional to input voltage. A separate
one-shot sets the minimum off-time (typically 350ns).
The typical operating frequency is 325kHz. It is possible
to raise or lower the operating frequency with external
components, refer to the section on Switching Frequency
Variations.
Q1
Q2
L
COUT
VBAT
ESR
+
CIN
VOUT
FB Threshold
0.75V
VOUT/FB Ripple
VPHASE
VPHASE
TON
Figure 1.
On-Time One-Shot (T
ON)
The internal on-time one-shot comparator has two inputs.
One input looks at the output voltage via the VOUT pin,
while the other input samples the input voltage via the LX
pin and converts it to a proportional current which charges
an internal on-time capacitor.
The TON time is the time required for this capacitor to
charge from zero volts to VOUT, thereby making the on-
time directly proportional to output voltage and inversely
proportional to input voltage. This implementation results
in a fairly constant switching frequency without the need of
a clock generator. The internal frequency is optimized for
325kHz. The general equation for the on-time is:
TON (nsec) = 2560 • (VOUT/VBAT) + 35
VOUT Voltage Selection
Output voltage is regulated by comparing VOUT as seen
through a resistor divider to the internal 0.75V reference,
see Figure 2. The output voltage is set by the equation:
VOUT = 0.75 • (1 + R1/R2)
R1
R2
VOUT
To FB pin
Figure 2.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com