Electronic Components Datasheet Search
  English  ▼

X  

SC412A Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC412A Datasheet HTML 8Page - Semtech Corporation SC412A Datasheet HTML 9Page - Semtech Corporation SC412A Datasheet HTML 10Page - Semtech Corporation SC412A Datasheet HTML 11Page - Semtech Corporation SC412A Datasheet HTML 12Page - Semtech Corporation SC412A Datasheet HTML 13Page - Semtech Corporation SC412A Datasheet HTML 14Page - Semtech Corporation SC412A Datasheet HTML 15Page - Semtech Corporation SC412A Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Applications Information (continued)
The switching frequency is optimized for 325kHz. The
equation for on-time is:
TON (nsec) = 2560 • (VOUT/VBAT) + 35
During the DH on-time, voltage across the inductor is (VBAT
- VOUT). To determine the inductance, the ripple current
must be defined. Smaller ripple current will give smaller
output ripple and but will lead to larger inductors. The ripple
current will also set the boundary for PSAVE operation: the
switching will typically enter PSAVE operation when the
load current decreases to 1/2 of the ripple current; (i.e.
if ripple current is 4A then PSAVE operation will typically
start for loads less than 2A. If ripple current is set at 40%
of maximum load current, then PSAVE will commence for
loads less than 20% of maximum current).
The equation for determining inductance is:
L = (VBAT - VOUT) • TON / I
RIPPLE
Use the maximum value for VBAT, and for TON use the value
associated with maximum VBAT.
TON = 182 nsec at 20VBAT, 1.1VOUT
L = (20 - 1.15) • 182 nsec / 5A = 0.69μH
We will select a slightly larger value of 0.7μH, which will
decrease the maximum I
RIPPLE to 4.91A.
Note: the inductor must be rated for the maximum DC load cur-
rent plus 1/2 of the ripple current.
The ripple current under minimum VBAT conditions is also
checked.
TON
VBATMIN = 2560 • (1.15/10) + 35 = 329 nsec
I
RIPPLE = (VBAT - VOUT) • TON / L
I
RIPPLE_VBATMIN = (10 - 1.15) • 329 nsec / 0.7μH = 4.16A
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The ESR requirement is driven by the
output ripple requirement and the DC tolerance. The
output voltage has a DC value that is equal to the valley
of the output ripple, plus 1/2 of the peak-to-peak ripple.
Change in the ripple voltage will lead to a change in DC
voltage at the output.
The design goal is +/-4% output regulation. The internal
0.75V reference tolerance is 1%, assuming 1% tolerance
for the FB resistor divider, this allows 2% tolerance due to
VOUT ripple. Since this 2% error comes from 1/2 of the
ripple voltage, the allowable ripple is 4%, or 46mV for a
1.15V output.
The maximum ripple current of 4.05A creates a ripple
voltage across the ESR. The maximum ESR value allowed
would be 44mV:
ESR
MAX = VRIPPLE/IRIPPLEMAX = 46mV / 4.91A
ESR
MAX = 9.4 mΩ
The output capacitance is typically chosen based on tran-
sient requirements. A worst-case load release, from maxi-
mum load to no load at the exact moment when inductor
current is at the peak, defines the required capacitance.
If the load release is instantaneous (load changes from
maximum to zero in a very small time), the output capaci-
tor must absorb all the inductor’s stored energy. This will
cause a peak voltage on the capacitor according to the
equation:
COUT
MIN = L • (IOUT + 1/2 • IRIPPLEMAX)
2
/ (V
PEAK
2
- VOUT2)
Assuming a peak voltage VPEAK of 1.230 (80mV rise upon
load release), and a 10 amp load release, the required
capacitance is:
COUT
MIN = 0.7μH•(10 + 1/2 • 4.91)
2
/ (1.232 - 1.152)
COUT
MIN = 570μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com