Electronic Components Datasheet Search
  English  ▼

X  

SC250 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC250 Datasheet HTML 7Page - Semtech Corporation SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation SC250 Datasheet HTML 10Page - Semtech Corporation SC250 Datasheet HTML 11Page - Semtech Corporation SC250 Datasheet HTML 12Page - Semtech Corporation SC250 Datasheet HTML 13Page - Semtech Corporation SC250 Datasheet HTML 14Page - Semtech Corporation SC250 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (V)
VIN=3.6V
VIN=3.9V
VIN=4.2V
Efficiency vs. Load Current V
OUT = 3.2V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (V)
VIN=3.9V
VIN=4.2V
VIN=3.3V
Efficiency vs. Load Current V
OUT = 2.5V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (V)
VIN=4.2V
VIN=2.7V
VIN=3.6V
Efficiency vs. Load Current V
OUT = 1.5V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (V)
VIN=4.2V
VIN=2.7V
VIN=3.6V
Efficiency vs. Load Current V
OUT = 1.2V
0
10
20
30
40
50
60
70
80
90
100
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
IOUT=10mA
IOUT=600mA
IOUT=300mA
IOUT=100mA
Efficiency vs. V
IN
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
3.5
VIN (V)
IOUT=100mA
IOUT=600mA
Efficiency vs. V
OUT, VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com