Electronic Components Datasheet Search
  English  ▼

X  

SC250 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC250 Datasheet HTML 10Page - Semtech Corporation SC250 Datasheet HTML 11Page - Semtech Corporation SC250 Datasheet HTML 12Page - Semtech Corporation SC250 Datasheet HTML 13Page - Semtech Corporation SC250 Datasheet HTML 14Page - Semtech Corporation SC250 Datasheet HTML 15Page - Semtech Corporation SC250 Datasheet HTML 16Page - Semtech Corporation SC250 Datasheet HTML 17Page - Semtech Corporation SC250 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics (Cont.)
Enable Start-Up
V
EN (2V/div)
V
OUT (1V/div)
V
LX (5V/div)
I
IN (500mA/div)
Time (20μs/div)
Condition V
IN=4.2V, Load=15Ω, VOUT=3.4V
Output Ripple Waveform (V
OUT=3.25V)
V
OUT (50mV/div)
V
LX(5V/div)
Time (1μs/div)
Condition V
IN=4.2V, Load=300mA, VOUT=3.25V
Pass-Through Current Limit
V
OUT (1V/div)
V
LX(2V/div)
Time (1ms/div)
Condition V
IN=3.6V, Load=1Ω, VDAC=1.4V
Output Ripple Waveform (V
OUT=1.5V)
V
OUT (50mV/div)
V
LX(5V/div)
Time (1μs/div)
Condition V
IN=3.6V, Load=300mA, VOUT=1.5V
Load Step response (V
OUT=3.25V)
V
OUT (100mV/div)
I
OUT(500mA/div)
Time (40μs/div)
Condition V
IN=4.2V, Load=600mA-60mA, VOUT=3.25V
Load Step response (V
OUT=1.5V)
V
OUT (100mV/div)
I
OUT(500mA/div)
Time (40μs/div)
Condition V
IN=3.6V, Load=600mA-60mA, VOUT=1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com