Electronic Components Datasheet Search
  English  ▼

X  

SC475A Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC475A
Description  Synchronous Buck Controller with Dual-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC475A Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC475A Datasheet HTML 3Page - Semtech Corporation SC475A Datasheet HTML 4Page - Semtech Corporation SC475A Datasheet HTML 5Page - Semtech Corporation SC475A Datasheet HTML 6Page - Semtech Corporation SC475A Datasheet HTML 7Page - Semtech Corporation SC475A Datasheet HTML 8Page - Semtech Corporation SC475A Datasheet HTML 9Page - Semtech Corporation SC475A Datasheet HTML 10Page - Semtech Corporation SC475A Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
© 2006 Semtech Corp.
SC475A
www.semtech.com
POWER MANAGEMENT
Pin Descriptions
Pin
Pin Name
Pin Function
1
LX
Switching (phase) node.
2
BST
Boost capacitor connection for high-side gate drive.
3
VCC
5V power input for the internal circuits and gate drive outputs.
4
DL
Gate drive output for the low-side external MOSFET.
5
GND
Power ground. This is the return point for the DL driver output, and the
reference point for the ILIM and zero cross circuits.
6RTN
Return or analog ground for the FB input and FB resistor divider . Connect to
GND directly at the IC. All feedback components should connect to this ground.
7
NC
Not connected internally — leave unconnected or connect to GND.
8
D0
Drain of the internal MOSFET which is controlled by G0.
9FB
Feedback sense point. The FB threshold is 0.75V; the resistor divider ratio
between VOUT and FB sets the output voltage. This ratio can be modified
using the G0 input to switch a resistor in or out at D0.
10
VOUT
Output voltage sense point for determining On-Time.
11
PGOOD
Open-drain power good indicator - a high impedance indicates power is good.
An external pull-up resistor is required.
12
EN
Enable input - connect EN to RTN to disable the SC475A.
13
ILIM
Current limit sense point — to program the current limit connect a
resistor from ILIM to LX or to a current sense resistor.
14
G0
Control input for the D0 MOSFET. A logic low energizes the D0 MOSFET,
pulling D0 to ground.
15
NC
Not connected internally — leave unconnected or connect to GND.
16
DH
Gate drive output for the high-side external MOSFET.
TPAD
Mounting pad. Not connected internally - connect to system ground plane
through preferably one large vias or multiple smaller vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com