Electronic Components Datasheet Search
  English  ▼

X  

SC475A Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC475A
Description  Synchronous Buck Controller with Dual-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC475A Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC475A Datasheet HTML 11Page - Semtech Corporation SC475A Datasheet HTML 12Page - Semtech Corporation SC475A Datasheet HTML 13Page - Semtech Corporation SC475A Datasheet HTML 14Page - Semtech Corporation SC475A Datasheet HTML 15Page - Semtech Corporation SC475A Datasheet HTML 16Page - Semtech Corporation SC475A Datasheet HTML 17Page - Semtech Corporation SC475A Datasheet HTML 18Page - Semtech Corporation SC475A Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15
© 2006 Semtech Corp.
SC475A
www.semtech.com
POWER MANAGEMENT
I LIMIT
ILOAD
IPEAK
TIME
Valley Current Limit
Figure 10
The RDSON sensing circuit is shown in Figure 11 with
RILIM = R1 and RDSON of Q2.
D1
VOUT
+5V
VBAT
+
C1
Q2
+
C3
D2
R1
GND
DL
VDD
ILIM
LX
DH
BST
C2
Q1
SC475A
L
Figure 11
The resistor sensing circuit is shown in Figure 12 with
RILIM = R1 and RSENSE = R4
Vout
R1
+5V
L1
+
R4
GND
DL
VDD
ILIM
LX
DH
BST
VBAT
SC475A
+
C1
C2
D1
Q2
Q1
D2
C3
Figure 12
For resistor sensing, the current through the lower MOSFET
and the source sense resistor develops a voltage that
opposes the voltage developed across RILIM. When the
voltage developed across the RSENSE resistor reaches
voltage drop across RILIM, an over-current exists and the
high-side MOSFET will not be allowed to turn on.
The following over-current equation can be used for both
RDSON or resistive sensing. For RDSON sensing, the
MOSFET RDSON rating is used for the value of RSENSE.
SENSE
R
ILIM
R
A
10
Valley
OC
IL
Power Good Output
The power good (PGD) output is an open-drain output
which requires a pull-up resistor.
When the output
voltage as sensed at FB is -20% from the 0.75V reference
(600mV), PGD is pulled low. It is held low until the output
voltage returns above -20% of nominal. PGD is held low
during start-up and will not be allowed to transition high
until soft-start is completed when FB reaches 0.75V.
There is a 5μs delay built into the PGD circuit to prevent
false transitions.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com