Electronic Components Datasheet Search
  English  ▼

X  

1343034 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1343034
Description  FL SWITCH 1100-8POE - Industrial Ethernet Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1343034 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1343034 Datasheet HTML 1Page - PHOENIX CONTACT 1343034 Datasheet HTML 2Page - PHOENIX CONTACT 1343034 Datasheet HTML 3Page - PHOENIX CONTACT 1343034 Datasheet HTML 4Page - PHOENIX CONTACT 1343034 Datasheet HTML 5Page - PHOENIX CONTACT 1343034 Datasheet HTML 6Page - PHOENIX CONTACT 1343034 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PoE++ Ethernet switch conforms to IEEE 802.3af/at/bt, includes eight PoE RJ45 ports with
10/100/1000 Mbps on all ports, automatic data transmission speed detection, autocrossing
function, and QoS. 90 W per port with a 240 W power budget
Your advantages
RJ45 ports support a transmission speed of 10/100/1000 Mbps
•
QoS-prioritized (Quality of Service) messages
•
Local diagnostic indicators with LEDs
•
PROFINET PTCP filter for reliable communication on PROFINET networks
•
Enhanced traffic prioritization for automation protocols
•
Energy-efficient Ethernet in accord. with IEEE 802.3az
•
PROFINET Conformance Class A for real-time data exchange
•
Auto negotiation and autocrossing detection simplifies installation and setup
•
Automatic detection of IEEE 802.3at, 802.3af, or 802.3bt powered devices
•
POE status LED per port
•
Jumbo frame support (frame size up to 9216 bytes/frame)
•
Commercial data
Item number
1343034
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
DN18
Product key
DNN115
GTIN
4063151654122
Weight per piece (including packing)
824 g
Weight per piece (excluding packing)
735 g
Country of origin
TW
FL SWITCH 1100-8POE - Industrial Ethernet Switch
1343034
https://www.phoenixcontact.com/us/products/1343034
Dec 20, 2024, 5:21 AM
Page 1 (7)


Similar Part No. - 1343034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1343031 PHOENIX-1343031 Datasheet
199Kb / 7P
FL SWITCH 1000N-8POE - Industrial Ethernet Switch
More results

Similar Description - 1343034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1005N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
Industrial Ethernet Switch - FL SWITCH 1108N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2205
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
Industrial Ethernet Switch - FL SWITCH 2108
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
Industrial Ethernet Switch - FL SWITCH 2308
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
1026922 PHOENIX-1026922 Datasheet
963Kb / 33P
Industrial Ethernet Switch - FL SWITCH 4004T-8POE-4SFP
Dec 2, 2022
1026923 PHOENIX-1026923 Datasheet
940Kb / 30P
Industrial Ethernet Switch - FL SWITCH 4000T-8POE-2SFP
Dec 2, 2022
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1196228 PHOENIX-1196228 Datasheet
229Kb / 7P
Industrial Ethernet Switch - FL SWITCH 1708
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com