Electronic Components Datasheet Search
  English  ▼

X  

1343034 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1343034
Description  FL SWITCH 1100-8POE - Industrial Ethernet Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1343034 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1343034 Datasheet HTML 1Page - PHOENIX CONTACT 1343034 Datasheet HTML 2Page - PHOENIX CONTACT 1343034 Datasheet HTML 3Page - PHOENIX CONTACT 1343034 Datasheet HTML 4Page - PHOENIX CONTACT 1343034 Datasheet HTML 5Page - PHOENIX CONTACT 1343034 Datasheet HTML 6Page - PHOENIX CONTACT 1343034 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Dimensions
Width
65 mm
Height
141 mm
Depth
107 mm
Notes
Notes on operation
Mode A PoE
Note on application
Note on application
Only for industrial use
Material specifications
Polycarbonate fiber reinforced
Housing material
Aluminum / steel sheet DC01
Mounting
Mounting type
DIN rail mounting
Interfaces
Ethernet
Connection method
RJ45
Note on the connection method
Auto negotiation and autocrossing
Transmission speed
10/100/1000 Mbps (full duplex)
Transmission physics
Ethernet in RJ45 twisted pair
Transmission length
100 m (per segment)
Signal LEDs
Data receive, link status, PoE
No. of channels
8 (RJ45 ports)
Ethernet (PoE)
Connection method
RJ45
Transmission speed
10/100/1000 Mbps
Transmission physics
Ethernet RJ45
Transmission length
100 m (Between transmitter / receiver)
Signal LEDs
LNK/ACT, POE
No. of channels
8 (RJ45 ports)
Product properties
Product type
Switch
Product family
Unmanaged PoE Switches 1000
Type
Stand-Alone
44.9 Years (MIL-HDBK-217F standard, temperature 25°C,
operating cycle 100%)
MTTF
FL SWITCH 1100-8POE - Industrial Ethernet Switch
1343034
https://www.phoenixcontact.com/us/products/1343034
Dec 20, 2024, 5:21 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com