Electronic Components Datasheet Search
  English  ▼

X  

SC4509 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4509
Description  Highly Integrated Step-Up Converter for White LED Applications in MLPD-W8-2x2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4509 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4509 Datasheet HTML 1Page - Semtech Corporation SC4509 Datasheet HTML 2Page - Semtech Corporation SC4509 Datasheet HTML 3Page - Semtech Corporation SC4509 Datasheet HTML 4Page - Semtech Corporation SC4509 Datasheet HTML 5Page - Semtech Corporation SC4509 Datasheet HTML 6Page - Semtech Corporation SC4509 Datasheet HTML 7Page - Semtech Corporation SC4509 Datasheet HTML 8Page - Semtech Corporation SC4509 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
www.semtech.com
Highly Integrated Step-Up Converter for
White LED Applications in MLPD-W8-2x2
SC4509
POWER MANAGEMENT
1
Description
Features
Applications
Typical Application Circuit
March 26, 2007
L1
22μH
R1
LED3
U2
SC4509
VIN
5
EN/SS
4
FB
3
Vin
LED4
LED2
Vo
C2
0.22μF
C1
1μF
EN/SS
LED1
Digital Video Cameras
White LED Backlight Driver
OLED Display Driver
Portable Media Players
GPS Receivers
Cellular Phones
PDAs and Handheld Computers
VIN range: 2.7V — 10V
Integrated Schottky diode
81% efficiency
Requires only 4 external components
Up to 20V of output voltage
30mA maximum LED current
Open LED protection (OVP)
1.2MHz PWM switching frequency
Low feedback voltage (20OmV typical)
Wide range of PWM dimming
Drives up to 5 LEDs
500mA switch current limit
220nF output capacitor
Available in 2mm x 2mm x 0.75mm MLPD-W8 and
SOT23-6 packages
Packages are fully WEEE and RoHS compliant
The SC4509 is a highly integrated step-up DC/DC convert-
er targeted for white LED backlighting applications. It is
designed to drive up to five LEDs with a wide input voltage
range of 2.7 to 10 volts. Designed for 20V output voltage,
the SC4509 operates with a constant 1.2MHz PWM fre-
quency. To optimize efficiency, the feedback voltage is set
to only 199mV, minimizing the power loss in the current
setting resistor. The product requires only four external
components (CIN, COUT, L and R
SET), making it ideal for
applications that require low cost and minimal PCB area.
The SC4509 offers current limit and over-voltage protec-
tion (OVP) to safeguard the device under extreme operat-
ing conditions. If the LEDs become disconnected or fail in
an open state condition, OVP circuitry will be activated to
shut down the device. The EN/SS pin allows the device
to be placed in power-down mode, disabling the control
circuitry to reduce input current.


Similar Part No. - SC4509

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501EVB SEMTECH-SC4501EVB Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501MLTRT SEMTECH-SC4501MLTRT Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
More results

Similar Description - SC4509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
WHITE LED STEP-UP CONVERTER IN SOT23
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com