Electronic Components Datasheet Search
  English  ▼

X  

SC4509 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4509
Description  Highly Integrated Step-Up Converter for White LED Applications in MLPD-W8-2x2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4509 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4509 Datasheet HTML 7Page - Semtech Corporation SC4509 Datasheet HTML 8Page - Semtech Corporation SC4509 Datasheet HTML 9Page - Semtech Corporation SC4509 Datasheet HTML 10Page - Semtech Corporation SC4509 Datasheet HTML 11Page - Semtech Corporation SC4509 Datasheet HTML 12Page - Semtech Corporation SC4509 Datasheet HTML 13Page - Semtech Corporation SC4509 Datasheet HTML 14Page - Semtech Corporation SC4509 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
© 2007 Semtech Corp.
www.semtech.com
SC4509
POWER MANAGEMENT
13
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
(C)
Z
Y
G
.043
.141
.055
(.098)
.037
.024
1.40
(2.50)
0.95
0.60
1.10
3.60
X
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
.110 BSC
.037 BSC
DETAIL
aaa C
SEATING
ccc C
2X N/2 TIPS
2X E/2
6
SEE DETAIL
A1
A
A2
bxN
A
.008
12
N
E
.060
.114
.063
.122
.010
-
6
A
0.20
1.60
3.10
2.80 BSC
0.95 BSC
.069 1.50
2.90
.020 0.25
1.75
0.50
-
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
2.80
.110
bbb
C A-B D
0°
.008
-
.004
.012
.003
(.024)
.018
-
.035
.000
.035
-
-
.045
0.10
0.20
10°
0°
-
10°
1.15
(0.60)
0.45
.024
.009
0.30
0.08
.057
.051
.006 0.00
.90
0.90
0.22
0.60
-
0.15
1.45
1.30
-
-
1.90 BSC
.075 BSC
A
e1
D
e
B
C
PLANE
D
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
NOTES:
1.
2.
-A-
-B-
-H-
SIDE VIEW
NOM
INCHES
DIMENSIONS
L1
aaa
bbb
ccc
01
N
DIM
c
e
e1
L
E1
E
D
A1
A2
b
A
MIN
MILLIMETERS
MAX MIN NOM MAX
Land Pattern - SOT23-6
Outline Drawing - SOT23-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com