Electronic Components Datasheet Search
  English  ▼

X  

PA140 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA140
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA140 Datasheet(HTML) 2 Page - Cirrus Logic

  PA140 Datasheet HTML 1Page - Cirrus Logic PA140 Datasheet HTML 2Page - Cirrus Logic PA140 Datasheet HTML 3Page - Cirrus Logic PA140 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA140
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
350V
DERATED SUPPLY VOLTAGE +V
S to -VS
250V
OUTPUT CURRENT, continuous within SOA
60 mA
OUTPUT CURRENT, peak
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
14W
INPUT VOLTAGE, differential
±16 V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder – 10 sec
220°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
TEMPERATURE RANGE, powered (case)
–40 to +125°C
CAUTION
The PA140 is constructed from MOSFET transistors. ESD handling procedures must be observed.
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
15
30
mV
OFFSET VOLTAGE, vs. temperature4
Full temperature range
70
130
µV/°C
OFFSET VOLTAGE, vs supply
20
32
µV/V
OFFSET VOLTAGE, vs time
75
µV kh
BIAS CURRENT, initial
50
200
pA
BIAS CURRENT, vs supply
2
20
pA/V
OFFSET CURRENT, initial
50
200
pA
INPUT IMPEDANCE, DC
1011
INPUT CAPACITANCE
5
pF
COMMON MODE, voltage range
±VS–12
V
COMMON MODE REJECTION, DC
VCM = ±90V DC
84
94
dB
NOISE, broad band
10kHz BW, RS = 1K
50
µV RMS
NOISE, low frequency
1-10 Hz
110
µV p-p
GAIN
OPEN LOOP at 15Hz
RL = 5K
94
106
dB
BANDWIDTH, open loop
1.6
MHz
POWER BANDWIDTH
CC = 10pf, 280V p-p
26
kHz
PHASE MARGIN
Full temperature range
60
°
OUTPUT
VOLTAGE SWING
IO = 40mA
±VS–12
±VS–10
V
CURRENT, peak5
120
mA
CURRENT, continuous
60
mA
SETTLING TIME to .1%
CC = 10pF, 10V step, AV =
–10
12
µs
SLEW RATE
CC = OPEN
40
V/µs
CAPACITIVE LOAD
AV = +1
10
nF
RESISTANCE6, n o load
RCL = 0
150
RESISTANCE6, 20 mA load
RCL = 0
25
POWER SUPPLY
VOLTAGE3
See Note 3
±50
±150
±175
V
CURRENT, quiescent
1.6
2.0
mA
THERMAL
RESISTANCE, AC junction to case6
F > 60Hz
5.9
6.85
°C/W
RESISTANCE, DC junction to case6
F < 60Hz
7.7
8.9
°C/W
RESISTANCE, junction to air
Full temperature range
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
25
+85
°C
SPECIFICATIONS
NOTES: 1.
Unless otherwise noted T
C = 25°C, CC = 18pF, RC = 2.2K. DC input specifications are ± value given. Power supply voltage
is typical rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
3.
Derate maximum supply voltage .5 V/°C below case temperature of 25°C. No derating is needed above TC = 25°C.
4.
Sample tested by wafer to 95%.
5.
Guaranteed but not tested.
PA140



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com