Electronic Components Datasheet Search
  English  ▼

X  

PA140 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA140
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA140 Datasheet(HTML) 1 Page - Cirrus Logic

  PA140 Datasheet HTML 1Page - Cirrus Logic PA140 Datasheet HTML 2Page - Cirrus Logic PA140 Datasheet HTML 3Page - Cirrus Logic PA140 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
FEATURES
• MONOLITHIC MOS TECHNOLOGY
• LOW COST
• HIGH VOLTAGE OPERATION—350V, 250V DERATE
• LOW QUIESCENT CURRENT—2mA
• NO SECOND BREAKDOWN
• HIGH OUTPUT CURRENT—120 mA PEAK
APPLICATIONS
• TELEPHONE RING GENERATOR
• PIEZO ELECTRIC POSITIONING
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• DEFORMABLE MIRROR FOCUSING
• PACKAGING OPTIONS
7TO-220 Plastic Package (PA140CD)
7TO-220 with staggered Lead Form (PA140CX)
7 DDPAK Surface Mount Package (PA140CC)
DESCRIPTION
The PA140 is a high voltage monolithic MOSFET operational
amplifier achieving performance features previously found
only in hybrid designs while increasing reliability. Inputs are
protected from excessive common mode and differential
mode voltages.The safe operating area (SOA) has no second
breakdown limitations. External compensation provides the
user flexibility in choosing optimum gain and bandwidth
for the application.
The PA140 is packaged in three standard package designs.
The surface mount version of the PA140, the PA140CC, is
an industry standard non-hermetic plastic 7-pin DDPAK. The
through hole versions of the PA140, the PA140CD, and the
PA140CX, are industry standard non-hermetic plastic 7-pin
TO-220 packages. The PA140CX is a staggered lead formed
PA140CD and offers industry standard 100 mil spacing,
this allows for easier PC board layout. (Please reference
to the lead form datasheet drawing LF005 for package
dimensions of the PA140CX.)
High voltage considerations should be taken when designing
board layouts for the PA140. The PA140CD may require a
derate in supply voltage depending on the spacing used for
board layout. The 15-mil and 14-mil minimum spacing of the
7TO-220 and 7DDPAK respectively is adequate to standoff
the 350V rating of the PA140. However, a supply voltage
derate to 250V is required if the spacing of circuit board
artwork is less than 11 mils. In cases where the PA140
is used to it's maximum voltage rating, the PA140BP is
recommended given that the staggered lead form allows for
100-mil standard spacing.
The monolithic amplifier is directly attached to the metal
tabs of the PA140CC, PA140CD, and PA140CX. The metal
tabs are directly tied to -V
S
The PA140 is set for a gain of 38.5 boosting the 2.33V signal
to 90V. The recommended compensation for gains above 30
is used. If capacitive loading is at least 330pF at all times, the
recommended snubber network may be omitted.
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140
A1
PA140
A2
PA140
20R
PIEZO
TRANSDUCER
20R
Rn
20R
Cn
R
V IN
–175
+175
–175
+175
2.2K
10pF
10pF
330pF
330pF
100
Ω
100
Ω
2.2K
LOW COST 660V p-p
PIEZO DRIVE
TYPICAL APPLICATON
Ref Application Note 31 "Basic Op Amp Theory and Practice"
EXTERNAL CONNECTIONS
PA140CC
PA140CD
PA140CX
PHASE
COMPENSATION
Gain
C
C
R
C
1
18pF
2.2K
10
10pF
2.2K
30
3.3pF
2.2K
C ,C
ARE RATED
FOR FULL SUPPLY VOLTAGE.
C is NPO
=
3
R
CL
I LIM
S
C
C


Similar Part No. - PA140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA140 VISHAY-PA140 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
More results

Similar Description - PA140

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 APEX-PA92 Datasheet
243Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com