Electronic Components Datasheet Search
  English  ▼

X  

SMB365 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SMB365
Description  Three-axis accelerometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB365 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SMB365 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Preliminary Datasheet
SMB365
Three-axis accelerometer
Bosch Sensortec
4
Memory
4.1
EEPROM
An EEPROM is used to store the non-volatile data, calibration parameters and the current working
modes. These are in detail
-
g-range (2g or 10g)
-
operation mode (full performance, low-power, standby)
-
interrupt mode (global or independent)
-
interrupt acceleration threshold and hysteresis level
-
self test.
4.1.1
Register Arithmetic
The following arithmetics are used for memory registers.
Register
Format
Bit width
AX|Y|Z (acceleration values)
2's complement
10
THRESHOLD
(TH or TH_X|Y|Z)
unsigned positive
either 5 or 7
HYSTERESIS
(HY or HY_X|Y|Z)
unsigned positive
either 3 or 7
Rev. 1.2
Page 8
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as
copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
7211RB11
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com