Electronic Components Datasheet Search
  English  ▼

X  

SMB365 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMB365
Description  Three-axis accelerometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB365 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMB365 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Preliminary Datasheet
SMB365
Three-axis accelerometer
Bosch Sensortec
Triaxial
±2g/±10g Accelerometer SMB365
KEY FEATURES
-
Three-axis accelerometer
-
Switchable g-range (2g/10g)
-
Standard SMD package: QFN 4.0x4.0 mm2 footprint, 1.2mm height
-
4mg resolution at 50Hz bandwidth
-
Ultra-low power ASIC: 600
µA at VDD 2.5V
-
SPI interface
-
Interrupt feature for mobile wake-up or zero-g detection (free fall)
-
Full self-test capability
-
RoHS lead-free compliant
-
Based on automotive-proven Bosch Silicon Surface Micromachining Process
TYPICAL APPLICATIONS
Tilt, motion and vibration sensing in
-
Cell phones
-
Handhelds
-
Computer peripherals
-
Man-machine interfaces
-
Virtual reality
-
Games
GENERAL DESCRIPTION
The SMB365 is a triaxial low-g acceleration sensor for consumer market applications. It allows
measurements of static as well as dynamic accelerations. Due to its three perpendicular axes it
gives the absolute orientation in a gravity field. As all other Bosch inertial sensors, it is a two-
chip arrangement. An application-specific IC evaluates the output of a three-channel microme-
chanical acceleration-sensing element that works according to the differential capacitance prin-
ciple. The underlying micromachining process has proven its capability in more than 100 million
Bosch accelerometers and gyroscopes so far.
The SMB365 provides a digital 10bit output signal via an SPI interface. With an appropriate SPI
command the full measurement range can be chosen to 2g or 10g. A first-order filter with a
pole-frequency of 50Hz is included to provide preconditioning of the measured acceleration
signal. Typical noise level and quantization lead to a sensitivity resolution of 4mg or an accuracy
of 0.3° in an inclination sensing application, respectively. The current consumption is typically
600
µA at a supply voltage of 2.5V. Furthermore, the sensor can be switched into a low-power
mode where it informs the host system about an acceleration change via an interrupt pin. This
feature can be used to wake-up the host system from a sleep mode.
The sensor also features full self-test capability. It is activated via SPI command which results in
a physical deflection of the seismic mass in the sensing element due to an electrostatic force.
Thus, it provides full testing of the complete signal evaluation path including the micromachined
sensor structure and the evaluation ASIC.
The sensor is available in a standard SMD QFN package with a footprint of 4x4mm2 and a
height of 1.2mm.
Rev. 1.2
Page 1
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as
copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
7211RB11
.


Similar Part No. - SMB365

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB36 LITEON-SMB36 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB36 MIC-SMB36 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB36 LUGUANG-SMB36 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
GOOD-ARK Electronics
SMB360U GOOD-ARK-SMB360U Datasheet
491Kb / 5P
Ultra fast Boost Rectifier
logo
Lite-On Technology Corp...
SMB36A LITEON-SMB36A Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMB365

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
EVAL-ADXL330Z AD-EVAL-ADXL330Z Datasheet
69Kb / 2P
Three-Axis Accelerometer Evaluation Board
REV. 0
logo
Freescale Semiconductor...
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
Three Axis Low-g Digital Output Accelerometer
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
,-1.5g Three Axis Low-g Micromachined Accelerometer
logo
List of Unclassifed Man...
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
Axis Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
Digital Three-Axis Accelerometer
Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com