Electronic Components Datasheet Search
  English  ▼

X  

SC1458 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1458
Description  Dual Output Low Noise LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1458 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1458 Datasheet HTML 5Page - Semtech Corporation SC1458 Datasheet HTML 6Page - Semtech Corporation SC1458 Datasheet HTML 7Page - Semtech Corporation SC1458 Datasheet HTML 8Page - Semtech Corporation SC1458 Datasheet HTML 9Page - Semtech Corporation SC1458 Datasheet HTML 10Page - Semtech Corporation SC1458 Datasheet HTML 11Page - Semtech Corporation SC1458 Datasheet HTML 12Page - Semtech Corporation SC1458 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC1458
10
Applications Information (continued)
until the fault is removed and the load current returns to
a specified level.
Component Selection
A capacitance of 1μF or larger on each output is
recommended to ensure stability. Ceramic capacitors
of type X5R or X7R should be used because of their
low ESR and stable temperature coefficients. It is also
recommended that the input be bypassed with a 2.2μF,
low ESR X5R or X7R capacitor to minimize noise and
improve transient response. Note: Tantalum and Y5V
capacitors are not recommended.
A
bypass capacitor (minimum of 22nF) should be
connected between the BYP and GND pins to meet all
noise-sensitive requirements. Increasing the capacitance
to 100nF will further improve PSRR and output noise
(SC1458B only).
Thermal Considerations
Although each of the two LDOs in the SC1458 can
provide 300mA of output current, the maximum power
dissipation in the device is restricted by the miniature
package size. The graphs in Figure 2 and Figure 3 can
be used as a guideline to determine whether the input
voltage, output voltages, output currents, and ambient
temperature of the system result in power dissipation
within the operating limits or if further thermal relief is
required.
0
0.1
0.2
0.3
0.4
0.5
0.6
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
______ TA=+25°C, PD(MAX)= 1.9W
- - - - TA=+85°C, PD(MAX)= 1.0W
Figure 2 — Safe Operating Limit
0
0.3
0.6
0.9
1.2
1.5
1.8
-40
-20
0
20
40
60
80
100
Ambient Temperature (
oC)
TJ(Max)=150°C
TJ(Max)=125°C
Figure 3 — Maximum P
D vs. TA
The following procedure can be followed to determine if
the thermal design of the system is adequate.The junction
temperature of the SC1458 can be determined in known
operating conditions using the following equation:
T
J
= T
A
+(P
D
x θ
JA
)
where
T
J
= Junction Temperature (°C)
T
A
= Ambient Temperature (°C)
P
D
= Power Dissipation (W)
θ
JA
= Thermal Resistance Junction to Ambient (°C/W)
Example
An SC1458A is used to provide outputs of 2.5V, 150mA
from LDOA and 1.8V, 200mA from LDOB.
The input
voltage is 4.2V, and the ambient temperature of the
system is 60°C.
P
D
= 0.15(4.2 – 2.5) + 0.2(4.2 – 1.8)
= 0.74W
and
T
J
= 60 + (0.74 x 50) = 97°C
Figure 3 shows that the power dissipation is within limits
at T
A
= 60°C and calculation of T
J
shows that it is within the
specified limit of 150°C.
This means that operation of the SC1458 under these
conditions is within the specified limits and the device
would not require further thermal relief measures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com