Electronic Components Datasheet Search
  English  ▼

X  

SC1458 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1458
Description  Dual Output Low Noise LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1458 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1458 Datasheet HTML 1Page - Semtech Corporation SC1458 Datasheet HTML 2Page - Semtech Corporation SC1458 Datasheet HTML 3Page - Semtech Corporation SC1458 Datasheet HTML 4Page - Semtech Corporation SC1458 Datasheet HTML 5Page - Semtech Corporation SC1458 Datasheet HTML 6Page - Semtech Corporation SC1458 Datasheet HTML 7Page - Semtech Corporation SC1458 Datasheet HTML 8Page - Semtech Corporation SC1458 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC1458
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Absolute Maximum Ratings
V
IN
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
V
EN
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN
+ 0.3)
V
PGOOD
(V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN
+ 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN
+ 0.3)
V
OUTA
, V
OUTB
, Short Circuit Duration . . . . . . . . . .Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . -40 < T
A
< +85
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 < V
IN
< 5.5
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 50
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise noted V
IN
= 3.6V, C
IN
= 2.2μF, C
OUTA
= C
OUTB
= 1μF, V
EN
= V
IN
, T
A
= -40 to +85°C. Typical values are at T
A
= 25°C. All specifications
apply to both LDOs unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage Range
V
IN
2.5
5.5
V
Output Voltage Accuracy
ΔV
OUT
V
IN
= V
OUT
+ 0.3V to 5.5V, I
OUT
= 0 to 300mA
-3
3
%
Maximum Output Current
I
MAX
300
mA
Dropout Voltage(1)
V
D
I
OUT
= 200mA, V
OUT
= 2.5V
100
200
mV
Shutdown Current
I
SD
T
A
= 25°C
0.1
1
μA
Quiescent Current
I
Q
I
OUTA
= I
OUTB
= 0mA, T
A
= 25°C
100
μA
Load Regulation
V
LOAD
I
OUT
= 1mA to I
MAX
20
mV
Line Regulation
V
LINE
I
OUT
= 1mA
-6
6
mV
Current Limit
I
LIM
350
850
mA
Noise(2)
e
N
V
IN
= 3.7V, I
OUT
= 50mA , 10Hz < f < 100kHz,
C
BYP
= 22nF
50
μV
RMS
V
IN
= 3.7V, I
OUT
= 50mA , 10Hz < f < 100kHz
300
μV
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com