Electronic Components Datasheet Search
  English  ▼

X  

SC2595 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2595
Description  Integrated Linear DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2595 Datasheet HTML 2Page - Semtech Corporation SC2595 Datasheet HTML 3Page - Semtech Corporation SC2595 Datasheet HTML 4Page - Semtech Corporation SC2595 Datasheet HTML 5Page - Semtech Corporation SC2595 Datasheet HTML 6Page - Semtech Corporation SC2595 Datasheet HTML 7Page - Semtech Corporation SC2595 Datasheet HTML 8Page - Semtech Corporation SC2595 Datasheet HTML 9Page - Semtech Corporation SC2595 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
© 2007 Semtech Corp.
www.semtech.com
SC2595
PRELIMINARY
POWER MANAGEMENT
Overview
Overview
Overview
Overview
Overview
Double Data Rate (DDR) SDRAM was defined by JEDEC
1997. Its clock speed is the same as previous SDRAM
but data transfers speed is twice than previous SDRAM.
By now, the requirement voltage range is changed from
3.3V to 2.5V; the power dissipation is smaller than
SDRAM. For above reasons, it is very popular and widely
used in M/B, N/B, Video-cards, CD ROM drives, Disk
drives.
Regarding the DDR power management solution, there
are two topologies can be selected for system design-
ers. One is switching mode regulator that has bigger sink/
source current capability, but the cost is higher and the
board space needed is bigger. Another solution is linear
mode regulator, which costs less, and needs the less
board space. For two DIMM motherboards, system de-
signers usually choose the linear mode for DDR power
management solution.
Applications
TTTTTypical Application Cir
ypical Application Cir
ypical Application Cir
ypical Application Cir
ypical Application Circuits & W
cuits & W
cuits & W
cuits & W
cuits & Waaaaavvvvvef
ef
ef
ef
eforms
orms
orms
orms
orms
Two different application circuits are shown below in Fig-
ure 1 to Figure 2. Each circuit is designed for specific
condition. More details are described below. See Note
1. Below for recommended power up sequencing.
Application_1: Standar
Application_1: Standar
Application_1: Standar
Application_1: Standar
Application_1: Standard SS
d SS
d SS
d SS
d SSTL
TL
TL
TL
TL-2 Application
-2 Application
-2 Application
-2 Application
-2 Application
The AV
CC pins, the PVCC pin, and the VDDQ pin can be tied
together for SSTL-2 application. It only needs a 2.5V
power rail for normal operation. System designer can
save the PCB space and reduce the cost. Please refer
to figures 3 to 4 for test waveforms.
Figure 1: Standard SSTL-2 application
Application Information
Application_2: Lower Power Loss Configuration
Application_2: Lower Power Loss Configuration
Application_2: Lower Power Loss Configuration
Application_2: Lower Power Loss Configuration
Application_2: Lower Power Loss Configuration
fffffor SS
or SS
or SS
or SS
or SSTL
TL
TL
TL
TL-2
-2
-2
-2
-2
If power loss is a major concern, separated the PV
CC form
the AV
CC and the VDDQ will be a good choice. The PVCC can
operate at lower voltage (1.8V to 2.5V). If 2.5V voltage
is applied on AV
CC and the VDDQ, but the source current is
lower due to the lower operating voltage applied on the
PV
CC.
Please find the relative test result in Figures 5, 11
and 12.
Figure 2: Lower power loss for SSTL-2 application
Notes:
Notes:
Notes:
Notes:
Notes:
(1) Power up of AV
CC, PVCC and VDDQ supplies.
(a) The preferred mode of operation is when the
AV
CC, PVCC and VDDQ pins are tied together to a
single supply.
(b) If and when AV
CC, PVCC pins are tied to a supply
separate to that of the V
DDQ supply pin; then
the V
DDQ supply should lead AVCC, PVCC supply or
the V
DDQ supply and the AVCC, PVCC supply should
rise simultaneously.
(c) If the AV
CC, PVCC and VDDQ supply pins are con
nected in a way such that, AV
CC, PVCC supplies
precedes V
DDQ supply; then VTT output precedes
V
DDQ. This can cause the SDRAM device to latch-
up, which may cause permanent damage to the
SDRAM.
Cin2
1uF
Cout1
220uF
VDD
Cin1
68uF
Cout2
10uF
SC2595
NC
1
GND
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
VTT
Cref
10nF
Csence
2.2uF
2.5V
1.25V
R1
5.1
R2
R
10uF
Cin2
1.25V
Csense
2.2uF
1uF
Cin2
Vin
2.5V
Cref
10nF
VTT
Cout1
220uF
SC2595
NC
1
GND
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
Cddq
1uF
VDD
1.8V to 2.5V
Cin1
68uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com