Electronic Components Datasheet Search
  English  ▼

X  

SC2595 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2595
Description  Integrated Linear DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2595 Datasheet HTML 3Page - Semtech Corporation SC2595 Datasheet HTML 4Page - Semtech Corporation SC2595 Datasheet HTML 5Page - Semtech Corporation SC2595 Datasheet HTML 6Page - Semtech Corporation SC2595 Datasheet HTML 7Page - Semtech Corporation SC2595 Datasheet HTML 8Page - Semtech Corporation SC2595 Datasheet HTML 9Page - Semtech Corporation SC2595 Datasheet HTML 10Page - Semtech Corporation SC2595 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
© 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2595
Typical Characteristics (Cont.)
Quiescent Current(AVCC= 2.5V)
200
300
400
500
600
700
800
0
2040
6080
100 120 140
Temperature (
℃)
2.5V
1.8V
Temp vs UVLO
1.90
1.91
1.92
1.93
1.94
1.95
1.96
1.97
1.98
1.99
2.00
20 30 40 50 60 70 80 90 100 110
Temperature(
℃)
UVLO
(Ty pical)
VDDQ=PVCC=AVCC=2.5V
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
0
100 200 300 400 500 600 700 800 900
IREF(uA)
VREF_max vs IREF(VDDQ=2.5V)
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
0 100 200 300 400 500 600 700 800 900
IREF(uA)
-40℃
0℃
25℃
75℃
150
℃
Figure 7
Figure 8
Figure 9
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com