Electronic Components Datasheet Search
  English  ▼

X  

SC415 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 14Page - Semtech Corporation SC415 Datasheet HTML 15Page - Semtech Corporation SC415 Datasheet HTML 16Page - Semtech Corporation SC415 Datasheet HTML 17Page - Semtech Corporation SC415 Datasheet HTML 18Page - Semtech Corporation SC415 Datasheet HTML 19Page - Semtech Corporation SC415 Datasheet HTML 20Page - Semtech Corporation SC415 Datasheet HTML 21Page - Semtech Corporation SC415 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SC415
18
Applications Information (continued)
This virtual ESR ramp is created by integrating the voltage
across the inductor, and coupling the signal into the FB
pin as shown in Figure 9.
R1
R2
To FB
RL
CL
CC
COUT
L
DL
DH
Figure 9
Double-Pulsing
Double-pulsing occurs because the ripple waveform seen
at the FB pin is either too small, or because the FB and
VOUT ripple waveform is very noisy and prone to cause
premature triggering of the FB comparator. Both are
discussed below.
Increasing FB Ripple
If the ripple waveform at FB is too small, the FB waveform
will be susceptible to switching noise. Note that under
normal conditions the FB voltage is within 10-20mV of the
750mV trip point. Noise can couple into the FB point from
either side1 or side1, or even from an external circuit. This
causes the FB comparator to trigger too quickly after the
330nsec minimum off-time has expired. Double-pulsing
will result in higher ripple voltage at the output but in
most cases is harmless.
A way to remedy this is to couple more ripple into FB from
VOUT. Note that the feedback resistor divider attenuates
the FB ripple. This can be compensated by placing a small
capacitor in parallel with the top resistor, which effectively
increases the ripple that appears at FB.
The schematic with added capacitor C as shown in Figure
10.
Figure 10
This capacitor should be left out until confirmation that
double-pulsing exists. It is best to leave a spot on the PCB
in case it is needed.
FB/VOUT Ripple Waveform
Because the constant on-time control method triggers a
DH pulse whenever the FB waveform reaches the 750mV
trip point, it is important that the VOUT and FB ripple
waveforms are well shaped. This waveform will depend
on the output capacitors.
The idealized circuit has an inductor, a capacitor COUT
with series ESR. The charging and discharging of COUT is
generally much smaller than the ripple voltage due to ESR,
so the resulting ripple waveform is generally determined
by ESR only.
R1
R2
To FB
C
COUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com