Electronic Components Datasheet Search
  English  ▼

X  

SC415 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC415 Datasheet HTML 16Page - Semtech Corporation SC415 Datasheet HTML 17Page - Semtech Corporation SC415 Datasheet HTML 18Page - Semtech Corporation SC415 Datasheet HTML 19Page - Semtech Corporation SC415 Datasheet HTML 20Page - Semtech Corporation SC415 Datasheet HTML 21Page - Semtech Corporation SC415 Datasheet HTML 22Page - Semtech Corporation SC415 Datasheet HTML 23Page - Semtech Corporation SC415 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
SC415
20
Applications Information (continued)
Figure 14 shows example of this.
FB trip point
FB trip point
False trigger on FB
False trigger on FB
Idealized ESL ripple
Actual ripple with CBP
Figure 14
There are two ways to deal with this issue. One is to
use a larger ceramic capacitor, typically 2.2–10μF, which
significantly smooths the ripple waveform as shown in
Figure 15.
FB trip point
Actual ripple with
CB = (~2.2 – 10 uF)
Ripple from ESL
Figure 15
A second solution is to add a small RC filter in series
with the FB resistor path, shown by RF/CF. This RC filter
is intended to remove the high-frequency noise but still
allow the ripple to reach the FB pin as shown in Figure 16.
Recommended values are 10 ohms and 10nF.
R1
R2
To FB
CF
VOUT
RF
VOUT ripple
FB ripple
Figure 16
Dropout Performance
The VOUT adjust range for continuous-conduction
operation is limited by the fixed 330nsec (typical)
Minimum Off-time One-shot. When working with low
input voltages, the duty-factor limit must be calculated
using worst-case values for on and off times.
The IC duty-factor limitation is given by:
DUTY = TONMIN/(TONMIN + TOFFMAX)
Be sure to include inductor resistance and MOSFET on-
state voltage drops when performing worst-case dropout
duty-factor calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com