Electronic Components Datasheet Search
  English  ▼

X  

TPS77501PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77501PWPR
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77501PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS77501PWPR Datasheet HTML 9Page - Texas Instruments TPS77501PWPR Datasheet HTML 10Page - Texas Instruments TPS77501PWPR Datasheet HTML 11Page - Texas Instruments TPS77501PWPR Datasheet HTML 12Page - Texas Instruments TPS77501PWPR Datasheet HTML 13Page - Texas Instruments TPS77501PWPR Datasheet HTML 14Page - Texas Instruments TPS77501PWPR Datasheet HTML 15Page - Texas Instruments TPS77501PWPR Datasheet HTML 16Page - Texas Instruments TPS77501PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
Minimum Load Requirements
FB—Pin Connection (Adjustable Version Only)
External Capacitor Requirements
IN
IN
EN
GND
OUT
OUT
RESET/
PG
6
7
5
16
14
13
3
+
10 F
m
C
OUT
RESET/PG
V
OUT
V
IN
C
0.1 F
m
1
250kW
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
The TPS775xx and TPS776xx feature very low quiescent current, which remains virtually constant even with
varying loads. Conventional LDO regulators use a pnp pass element, the base current of which is directly
proportional to the load current through the regulator (IB = IC/β). The TPS775xx and TPS776xx use a PMOS
transistor to pass current; because the gate of the PMOS is voltage driven, operating current is low and
invariable over the full load range.
Another pitfall associated with the pnp-pass element is its tendency to saturate when the device goes into
dropout. The resulting drop in
β forces an increase in IB to maintain the load. During power up, this IB increase
translates to large start-up currents. Systems with limited supply current may fail to start up. In battery-powered
systems, it means rapid battery discharge when the voltage decays below the minimum required for regulation.
The TPS775xx and TPS776xx quiescent currents remain low even when the regulator drops out, eliminating
both problems.
The TPS775xx and TPS776xx families also feature a shutdown mode that places the output in the
high-impedance state (essentially equal to the feedback-divider resistance) and reduces quiescent current to
2
μA. If the shutdown feature is not used, EN should be tied to ground.
The TPS775xx and TPS776xx families are stable at zero load; no minimum load is required for operation.
The FB pin is an input pin to sense the output voltage and close the loop for the adjustable option. The output
voltage is sensed through a resistor divider network to close the loop as it is shown in Figure 25. Normally, this
connection should be as short as possible; however, the connection can be made near a critical circuit to
improve performance at that point. Internally, FB connects to a high-impedance wide-bandwidth amplifier and
noise pickup feeds through to the regulator output. Routing the FB connection to minimize/avoid noise pickup is
essential.
An input capacitor is not usually required; however, a ceramic bypass capacitor (0.047
μF or larger) improves
load transient response and noise rejection if the TPS775xx or TPS776xx are located more than a few inches
from the power supply. A higher-capacitance electrolytic capacitor may be necessary if large (hundreds of
milliamps) load transients with fast rise times are anticipated.
Like all low dropout regulators, the TPS775xx and TPS776xx require an output capacitor connected between
OUT and GND to stabilize the internal control loop. The minimum recommended capacitance value is 10
μF and
the ESR (equivalent series resistance) must be between 50m
Ω and 1.5Ω. Capacitor values 10μF or larger are
acceptable, provided the ESR is less than 1.5
Ω. Solid tantalum electrolytic, aluminum electrolytic, and multilayer
ceramic capacitors are all suitable, provided they meet the requirements described previously.
Figure 24. Typical Application Circuit (Fixed Versions)
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com