Electronic Components Datasheet Search
  English  ▼

X  

TPS77501PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77501PWPR
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77501PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS77501PWPR Datasheet HTML 1Page - Texas Instruments TPS77501PWPR Datasheet HTML 2Page - Texas Instruments TPS77501PWPR Datasheet HTML 3Page - Texas Instruments TPS77501PWPR Datasheet HTML 4Page - Texas Instruments TPS77501PWPR Datasheet HTML 5Page - Texas Instruments TPS77501PWPR Datasheet HTML 6Page - Texas Instruments TPS77501PWPR Datasheet HTML 7Page - Texas Instruments TPS77501PWPR Datasheet HTML 8Page - Texas Instruments TPS77501PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS775xxyyyz, TPS776xxyyyz
XX is nominal output voltage (for example, 28 = 2.8V, 285 = 2.85V, 01 = Adjustable).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Custom fixed output voltages are available; minimum order quantities may apply. Contact factory for details and availability.
Over operating temperature range (unless otherwise noted)
(1)
PARAMETER
TPS775xx, TPS776xx
UNIT
Input voltage range, VIN
(2)
–0.3 to +13.5
V
Voltage range at EN
–0.3 to +16.5
V
Maximum RESET voltage (TPS775xx)
16.5
V
Maximum PG voltage (TPS776xx)
16.5
V
Peak output current
Internally limited
Voltage range at OUT, FB
7
V
Continuous total power dissipation
See Dissipation Ratings Table
Operating junction temperature range, TJ
–40 to +125
°C
Storage junction temperature range , TSTG
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses above these ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those specified is not implied.
(2)
All voltages are with respect to network terminal ground.
AIRFLOW
DERATING FACTOR
BOARD
PACKAGE
(CFM)
TA < +25°C
ABOVE TA = +25°C
TA = +70°C
TA = +85°C
0
568mW
5.68mW/
°C
312mW
227mW
—
D
250
904mW
9.04mW/
°C
497mW
361mW
0
2.9mW
23.5mW/
°C
1.9W
1.5W
Low-K(1)
PWP
300
4.3mW
34.6mW/
°C
2.8W
2.2W
0
3W
23.8mW/
°C
1.9W
1.5W
High-K(2)
PWP
300
7.2W
57.9mW/
°C
4.6W
3.8W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 1-layer, 5in
נ
5in printed circuit board (PCB), 1-ounce
copper, 2in
נ
2in coverage (4in2).
(2)
This parameter is measured with the recommended copper heat sink pattern on a 8-layer, 1.5in
נ
2in PCB, 1-ounce copper with layers 1,
2, 4, 5, 7, and 8 at 5% coverage (0.9in2) and layers 3 and 6 at 100% coverage (6in2). For more information, refer to TI technical brief
SLMA002.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com