Electronic Components Datasheet Search
  English  ▼

X  

HT1620 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1620 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
3.3
V
IDD
Operating Current
3V
See note 1
¾
23
mA
ISTB
Standby Current
3V
See note 2
¾¾
1
mA
VIL
Input Low Voltage
3V
DATA, WR,CS,RD
¾¾
0.6
V
VIH
Input High Voltage
3V
DATA, WR,CS,RD
2.4
¾
3.0
V
IOL1
DATA, BZ, BZ, IRQ
3V
VOL=0.3V
0.8
1.6
¾
mA
IOH1
DATA, BZ, BZ
3V
VOH=2.7V
-0.6
-1.2
¾
mA
IOL2
LCD Common Sink Current
3V
VOL=0.3V
80
150
¾mA
IOH2
LCD Common Source Current
3V
VOH=2.7V
-70
-120
¾mA
IOL3
LCD Segment Sink Current
3V
VOL=0.3V
70
140
¾mA
IOH3
LCD Segment Source Current
3V
VOH=2.7V
-30
-60
¾mA
RPH
Pull-high Resister
3V
DATA, WR,CS,RD
100
200
300
k
W
Note:
1. No load, Buzzer Off, LCD On, system enable and CS=WR=RD=High
2. No load, Buzzer Off, LCD Off, system disable and CS=WR=RD=High
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
Crystal 32kHz
¾
32
¾
kHz
fLCD
LCD Frame Frequency
¾
Crystal 32kHz
¾
64
¾
Hz
LCD Frame Frequency 1/2 Duty
¾¾
64
¾
Hz
LCD Frame Frequency 1/3 Duty
¾¾
56
¾
Hz
LCD Frame Frequency 1/4 Duty
¾¾
64
¾
Hz
tCOM
LCD Common Period
¾
n: Number of COM
¾
n/fLCD
¾
s
fCLK
Serial Data Clock
3V
Write mode
¾¾
150
kHz
Read mode
¾¾
75
kHz
fTONE
Tone Frequency
¾¾
¾
2or4
¾
kHz
tCS
Serial Interface Reset Pulse
Width
(Figure 3)
¾
CS
¾
250
¾
ns
tCLK
WR,RD Input Pulse Width
(Figure 1)
3V
Write mode
3.34
¾¾
ms
Read mode
6.67
¾¾
tr,tf
Rise/Fall Time Serial Data Clock
Width
(Figure 1)
3V
¾¾
120
¾
ns
tSU
Setup Time for DATA to WR,RD
Clock Width
(Figure 2)
3V
¾¾
120
¾
ns
tH
Hold Time for DATA to WR,RD
Clock Width
(Figure 2)
3V
¾¾
120
¾
ns
tSU1
Setup Time for CS to WR,RD
Clock Width
(Figure 3)
3V
¾¾
100
¾
ns
tH1
Hold Time for CS to WR,RD
Clock Width
(Figure 3)
3V
¾¾
100
¾
ns
HT1620
Rev. 1.30
5
March 27, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com