Electronic Components Datasheet Search
  English  ▼

X  

HT6240 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT6240
Description  Infrared Remote Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6240 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT6240 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Example (4)
HT6240-002
Rev. 1.30
11
November 6, 2002
C T
O . 0 O . 1
O . 2
O . 3
V D D
O . 4
O . 5
O . 6
O . 7
T E S T P R B O S C I O S C O D A T A
V S S
I E 0
I E 1
I E 2
I E 3
1
2
3
4
5
6
7
8
9
1 0
1 0 3
4 5 5 K
4 7 1
4 7 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 k W
4 7 W
V D D
H T 6 2 4 0 - 0 0 2
" 1 "
o r
" 0 "
( N o c o n n e c t i o n )
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com