Electronic Components Datasheet Search
  English  ▼

X  

HT6240 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6240
Description  Infrared Remote Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6240 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6240 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6240 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 5.2V
Input Voltage ..................................VSS
-0.3 to VDD+0.3
Output Voltage..............................................VSS to VDD
Storage Temperature ............................
-40°Cto125°C
Operating Temperature ...........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Recommended Operating Condition
Ta=
-20°C~70°C, unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Supply Voltage
¾¾
2.2
¾
3.6
V
VIH
High-level Input Voltage IE0~IE3, DATA
3V
¾
2.4V
3V
3V
V
High-level Voltage PRB
3V
¾
2.1V
3V
3V
VIL
Low-level Input Voltage IE0~IE3, DATA
3V
¾
0
0
1.2V
V
Low-level Input Voltage PRB
3V
¾
0
0
0.9V
fOSC
Clock Oscillating Frequency
3V
¾¾
455
¾
kHz
Electric Characteristics
Ta=25
°C, VDD=3V, VSS=0V, unless otherwise noted
Symbol
Parameter
Test Conditions
Limits
Unit
VDD
Conditions
Min.
Typ.
Max.
VDD
Supply Voltage
¾
fOSC=455kHz,
Ta=
-20°C~70°C
2.2
¾
3.6
V
IDD
Supply Current (during operation)
3V
fOSC=455kHz
¾
0.1
0.3
mA
IDD
Supply Current (while not in operation)
3V
¾¾
¾
1
mA
IOH
High-level Output Current CT
3V
VOH=2V
-5
-10
¾
mA
IOL
Low-level Output Current CT
3V
VOL=0.9V
0.3
0.8
¾
mA
Low-level Output Current DATA
3V
VOL=0.9V
14
¾
Low-level Output Current OF0~OF7
3V
VOL=0.9V
14
¾
RI
Pull-up Resistance PRB
3V
¾¾
80
¾
k
W
Pull-up Resistance DATA
3V
¾¾
70
¾
Pull-up Resistance E0~E3
3V
¾¾
70
¾
HT6240-002
Rev. 1.30
4
November 6, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com