Electronic Components Datasheet Search
  English  ▼

X  

HT9320 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9320
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9320 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage ...........................................
-0.3V to 6V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................. VSS
-0.3 to VDD+0.3V
Operating Temperature ..........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
fOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2
¾
5.5
V
IDD
Operating Current
2.5V
Pulse
Off-hook,
Keypad entry,
no load
¾
0.2
1
mA
Tone
¾
0.6
2
mA
ISTB
Standby Current
1V
On-hook, no load
No entry
¾¾
1
mA
VR
Memory Retention Voltage
¾¾
1
¾
5.5
V
IR
Memory Retention Current
1V
On-hook
¾
0.1
0.2
mA
VIL
Input Low Voltage
¾¾
VSS
¾
0.2VDD
V
VIH
Input High Voltage
¾¾
0.8VDD
¾
VDD
V
IXMO
XMUTE Leakage Current
¾
VXMUTE=12V
No entry
¾¾
1
mA
IOLXM
XMUTE Sink Current
2.5V VXMUTE=0.5V
1
¾¾
mA
IHKS
HKS Pin Input Current
2.5V VHKS=2.5V
¾¾
0.1
mA
RHFI
HFI Pull-low Resistance
2.5V VHFI=2.5V
¾
200
¾
k
W
RHDI
HDI Pull-high Resistance
2.5V VHDI=0V
¾
200
¾
k
W
RM/B
M/B Pull-high Resistance
2.5V VM/B=0V
¾
200
¾
k
W
HT9320 Series
Rev. 1.10
6
October 1, 2002
N M O S O U T
C M O S I N / O U T
C M O S O U T
C M O S I N
P u l l - l o w
C M O S I N
P u l l - h i g h
C M O S I N
O S C I L L A T O R
X 1
X 2
E N
1 0 M
2 0 p .
1 0 p .
V D D
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com