Electronic Components Datasheet Search
  English  ▼

X  

HT9320 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT9320
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9320 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
TIDP
Inter-digit-pause Time
¾
Pulse rate=10pps. No resistor
is linked between R1 and C5
(HT9320A/B/C/K)
¾
800
¾
ms
Pulse rate=10pps (HT9320H/L)
Pulse rate=10pps. A resistor
is linked between R1 and C5
(HT9320A/B/C/K)
¾
400
¾
Pulse rate=20pps
¾
500
¾
TM
Pulse Make Duration
¾
A resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
33 (10pps)
17 (20pps)
¾
ms
M/B=VSS (HT9320A)
M/B=VDD (HT9320H)
No resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
40 (10pps)
20 (20pps)
¾
M/B=Floating (HT9320A)
M/B=VSS (HT9320H)
TB
Pulse Break Duration
¾
A resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
66 (10pps)
33 (20pps)
¾
ms
M/B=VSS (HT9320A)
M/B=VDD (HT9320H)
No resistor is linked between
R2 and C1 (HT9320B/C/K/L)
¾
60 (10pps)
30 (20pps)
¾
M/B=Floating (HT9320A)
M/B=VSS (HT9320H)
TKT
Keytone Duration
¾ Pulse mode (HT9320K)
¾
34
¾
ms
FKTC
Keytone Carrier
¾ Pulse mode (HT9320K)
¾
1.2
¾
kHz
Tone Mode Electrical Characteristics
fOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VTDC
DTMF Output DC Level
¾¾
0.45VDD
¾
0.7VDD
V
ITOL
DTMF Sink Current
2.5V VDTMF=0.5V
0.1
¾¾
mA
VTAC
DTMF Output AC Level
¾ Row group, RL=5kW
0.12
0.155
0.18
Vrms
RL
DTMF Output Load
2.5V THD
£-23dB
5
¾¾
k
W
ACR
Column Pre-emphasis
2.5V Row group=0dB
1
2
3
dB
THD
Tone Signal Distortion
2.5V RL=5k
W¾
-30
-23
dB
TTMIN
Minimum Tone Duration
¾ Auto-redial
¾
82.5
¾
ms
TITPM
Minimum Inter-tone Pause
¾ Auto-redial
¾
85.5
¾
ms
THD (Distortion) (dB) = 20 log (
V1
V2
Vn /
Vi
Vh
22
2
2
2
++
+
K
)
Vi, Vh: Row group and column group signals
V1, V2, ... Vn: Harmonic signals (BW=300Hz~3500Hz)
HT9320 Series
Rev. 1.10
8
October 1, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com