Electronic Components Datasheet Search
  English  ▼

X  

STS7PF30L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STS7PF30L
Description  P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7PF30L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STS7PF30L Datasheet HTML 3Page - STMicroelectronics STS7PF30L Datasheet HTML 4Page - STMicroelectronics STS7PF30L Datasheet HTML 5Page - STMicroelectronics STS7PF30L Datasheet HTML 6Page - STMicroelectronics STS7PF30L Datasheet HTML 7Page - STMicroelectronics STS7PF30L Datasheet HTML 8Page - STMicroelectronics STS7PF30L Datasheet HTML 9Page - STMicroelectronics STS7PF30L Datasheet HTML 10Page - STMicroelectronics STS7PF30L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
4 Package Mechanical Data
STS7PF30L
8/11
4
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com