Electronic Components Datasheet Search
  English  ▼

X  

CD74AC245 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC245
Description  Octal-Bus Transceiver Three-State, Non-Inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC245 Datasheet(HTML) 5 Page - Texas Instruments

  CD74AC245 Datasheet HTML 1Page - Texas Instruments CD74AC245 Datasheet HTML 2Page - Texas Instruments CD74AC245 Datasheet HTML 3Page - Texas Instruments CD74AC245 Datasheet HTML 4Page - Texas Instruments CD74AC245 Datasheet HTML 5Page - Texas Instruments CD74AC245 Datasheet HTML 6Page - Texas Instruments CD74AC245 Datasheet HTML 7Page - Texas Instruments CD74AC245 Datasheet HTML 8Page - Texas Instruments CD74AC245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ACT Input Load Table
INPUT
UNIT LOAD
An, Bn
0.83
OE
0.64
DIR
0.25
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
Data to Output
tPLH, tPHL
1.5
-
-
96
-
-
106
ns
3.3
(Note 9)
3.2
-
10.8
3
-
11.9
ns
5
(Note 10)
2.2
-
7.7
2.1
-
8.5
ns
Propagation Delay,
Output Disable to Output
tPLZ, tPHZ
1.5
-
-
159
-
-
175
ns
3.3
4.7
-
15.9
4.4
-
17.5
ns
5
3.7
-
12.7
3.5
-
14
ns
Propagation Delay,
Output Enable to Output
tPZL, tPZH
1.5
-
-
159
-
-
175
ns
3.3
5.6
-
19
5.3
-
21
ns
5
3.7
-
12.7
3.5
-
14
ns
Minimum (Valley) VOH During
Switching of Other Outputs
(Output Under Test Not Switching)
VOHV
See Figure 1
5
-
4 at
25oC
-
-
4 at
25oC
-V
Maximum (Peak) VOL During
Switching of Other Outputs
(Output Under Test Not Switching)
VOLP
See Figure 1
5
-
1 at
25oC
-
-
1 at
25oC
-V
Three-State Output Capacitance
CO
-
-
15
-
-
15
-
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
57
-
-
57
-
pF
ACT TYPES
Propagation Delay,
Data to Output
tPLH, tPHL
5
(Note 10)
2.7
-
9.1
2.5
-
10
ns
Propagation Delay,
Output Disable to Output
tPLZ, tPHZ
5
3.7
12.7
3.5
14
ns
Propagation Delay,
Output Enable to Output
tPZL, tPZH
5
3.8
13.1
3.6
14.4
ns
Minimum (Valley) VOH During
Switching of Other Outputs
(Output Under Test Not Switching)
VOHV
See Figure 1
5
-
4 at
25oC
-
-
4 at
25oC
-V
Maximum (Peak) VOL During
Switching of Other Outputs
(Output Under Test Not Switching)
VOLP
See Figure 1
5
-
1 at
25oC
-
-
1 at
25oC
-V
CD54/74AC245, CD54/74ACT245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com