Electronic Components Datasheet Search
  English  ▼

X  

CD74AC245 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC245
Description  Octal-Bus Transceiver Three-State, Non-Inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC245 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC245 Datasheet HTML 1Page - Texas Instruments CD74AC245 Datasheet HTML 2Page - Texas Instruments CD74AC245 Datasheet HTML 3Page - Texas Instruments CD74AC245 Datasheet HTML 4Page - Texas Instruments CD74AC245 Datasheet HTML 5Page - Texas Instruments CD74AC245 Datasheet HTML 6Page - Texas Instruments CD74AC245 Datasheet HTML 7Page - Texas Instruments CD74AC245 Datasheet HTML 8Page - Texas Instruments CD74AC245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS245B
Features
• Buffered Inputs
• Typical Propagation Delay
- 4ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection per MIL-STD-883,
Method 3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The ’AC245 and ’ACT245 are octal-bus transceivers that
utilize Advanced CMOS Logic technology. They are non-
inverting
three-state
bidirectional
transceiver-buffers
intended for two-way transmission from “A” bus to “B” bus or
“B” bus to “A”. The logic level present on the direction input
(DIR) determines the data direction. When the output enable
input (OE) is HIGH, the outputs are in the high-impedance
state.
Pinout
CD54AC245, CD54ACT245
(CERDIP)
CD74AC245, CD74ACT245
(PDIP, SOIC, SSOP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD54AC245F3A
-55 to 125
20 Ld CERDIP
CD74AC245E
-55 to 125
20 Ld PDIP
CD74AC245M
-55 to 125
20 Ld SOIC
CD74AC245SM
-55 to 125
20 Ld SSOP
CD54ACT245F3A
-55 to 125
20 Ld CERDIP
CD74ACT245E
-55 to 125
20 Ld PDIP
CD74ACT245M
-55 to 125
20 Ld SOIC
CD74ACT245SM
-55 to 125
20 Ld SSOP
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local TI sales office or
customer service for ordering information.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
OE
B3
B4
B5
B6
B7
September 1998 - Revised October 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated
CD54/74AC245,
CD54/74ACT245
Octal-Bus Transceiver,
Three-State, Non-Inverting
[ /Title
(CD74
AC245
,
CD74
ACT24
5)
/Sub-
ject
(Octal-
Bus
Trans-
ceiver,
Three-
State,
Non-
Invert-
ing)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-


Similar Part No. - CD74AC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245 TI-CD74AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245 TI2-CD74AC245 Datasheet
677Kb / 15P
CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
REVISED APRIL 2024
CD74AC245E TI-CD74AC245E Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245E TI-CD74AC245E Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD74AC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
Octal Bus Transceiver Three-State, Non-Inverting
July 1998
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
logo
Texas Instruments
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_08 Datasheet
467Kb / 16P
Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Renesas Technology Corp
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com