Electronic Components Datasheet Search
  English  ▼

X  

74LS195 Datasheet(PDF) 5 Page - SYC Electronica

Part # 74LS195
Description  Universal 4-Bit Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS195 Datasheet(HTML) 5 Page - SYC Electronica

  74LS195 Datasheet HTML 1Page - SYC Electronica 74LS195 Datasheet HTML 2Page - SYC Electronica 74LS195 Datasheet HTML 3Page - SYC Electronica 74LS195 Datasheet HTML 4Page - SYC Electronica 74LS195 Datasheet HTML 5Page - SYC Electronica 74LS195 Datasheet HTML 6Page - SYC Electronica 74LS195 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN74LS195A
5
DEFINITIONS OF TERMS
SETUP TIME(ts) —is defined as the minimum time
required for the correct logic level to be present at the logic
input prior to the clock transition from LOW to HIGH in
order to be recognized and transferred to the outputs.
HOLD TIME (th) — is defined as the minimum time
following the clock transition from LOW to HIGH that the
logic level must be maintained at the input in order to ensure
continued recognition. A negative HOLD TIME indicates
that the correct logic level may be released prior to the clock
transition from LOW to HIGH and still be recognized.
RECOVERY TIME (trec) — is defined as the minimum time
required between the end of the reset pulse and the clock
transition from LOW to HIGH in order to recognize and
transfer HIGH Data to the Q outputs.
AC WAVEFORMS
The shaded areas indicate when the input is permitted to change for predictable output performance.
Figure 1. Clock to Output Delays and
Clock Pulse Width
Figure 2. Master Reset Pulse Width, Master Reset
to Output Delay and Master Reset to Clock
Recovery Time
CONDITIONS: MR = H
*Q0 STATE WILL BE DETERMINED BY J AND K INPUTS.
1.3 V
1.3 V
1.3 V
1.3 V
CLOCK
OUTPUT
PE
Qn = Pn
Qn* = Qn–1
trel
trel
ts(L)
ts(H)
LOAD PARALLEL DATA
LOAD SERIAL DATA
SHIFT RIGHT
1.3 V
CONDITIONS: PE = L
PO = P1 = P2 = P3 = H
CONDITIONS: MR = H
*J AND K SET–UP TIME AFFECTS Q0 ONLY
PE
J & K
P0 P1 P2 P3
CLOCK
OUTPUT*
CLOCK
CLOCK
OUTPUT
OUTPUT
ts(H)
th(L) = 0
th(H) = 0
th(H) = 0
ts(H)
th(L) = 0
ts(L)
tPHL
tPLH
ts(L)
MR
trec
tPHL
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tW
CONDITIONS: J = PE = MR = H
K = L
tW
1.3 V
Figure 3. Setup (ts) and Hold (th) Time for Serial Data
(J & K) and Parallel Data (P0, P1, P2, P3)
Figure 4. Setup (ts) and Hold (th) Time for PE Input
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com