Electronic Components Datasheet Search
  English  ▼

X  

74LS195 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS195
Description  Universal 4-Bit Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS195 Datasheet(HTML) 1 Page - SYC Electronica

  74LS195 Datasheet HTML 1Page - SYC Electronica 74LS195 Datasheet HTML 2Page - SYC Electronica 74LS195 Datasheet HTML 3Page - SYC Electronica 74LS195 Datasheet HTML 4Page - SYC Electronica 74LS195 Datasheet HTML 5Page - SYC Electronica 74LS195 Datasheet HTML 6Page - SYC Electronica 74LS195 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SN74LS195A
Universal 4-Bit
Shift Register
The SN74LS195A is a high speed 4-Bit Shift Register offering
typical shift frequencies of 39 MHz. It is useful for a wide variety of
register and counting applications. It utilizes the Schottky diode
clamped process to achieve high speeds and is fully compatible with
all ON Semiconductor TTL products.
• Typical Shift Right Frequency of 39 MHz
• Asynchronous Master Reset
• J, K Inputs to First Stage
• Fully Synchronous Serial or Parallel Data Transfers
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
SN74LS195AN
16 Pin DIP
SN74LS195AD
16 Pin
SOIC
D SUFFIX
CASE 751B
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
74LS195


Similar Part No. - 74LS195

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS195 MOTOROLA-74LS195 Datasheet
220Kb / 6P
UNIVERSAL 4-BIT SHIFT REGISTER
logo
ON Semiconductor
74LS195 ONSEMI-74LS195 Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS195 TI-74LS195 Datasheet
429Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
Hitachi Semiconductor
74LS195 HITACHI-74LS195 Datasheet
95Kb / 7P
4-bit Parallel-Access Shift Registers
logo
National Semiconductor ...
74LS195A NSC-74LS195A Datasheet
242Kb / 3P
UNIVERSAL 4-BIT SHIFT REGISTER
More results

Similar Description - 74LS195

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
UNIVERSAL 4-BIT SHIFT REGISTER
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
4-Bit Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
4-bit bidirectional universal shift register
December 1990
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
4-bit universal shift register
January 1995
HEF4035B PHILIPS-HEF4035B Datasheet
98Kb / 8P
4-bit universal shift register
January 1995
logo
List of Unclassifed Man...
4035B ETC1-4035B Datasheet
149Kb / 3P
4-BIT UNIVERSAL SHIFT REGISTER
logo
National Semiconductor ...
54195 NSC-54195 Datasheet
242Kb / 3P
UNIVERSAL 4-BIT SHIFT REGISTER
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com