Electronic Components Datasheet Search
  English  ▼

X  

M58PR256J Datasheet(PDF) 100 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 100 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 96Page - STMicroelectronics M58PR256J Datasheet HTML 97Page - STMicroelectronics M58PR256J Datasheet HTML 98Page - STMicroelectronics M58PR256J Datasheet HTML 99Page - STMicroelectronics M58PR256J Datasheet HTML 100Page - STMicroelectronics M58PR256J Datasheet HTML 101Page - STMicroelectronics M58PR256J Datasheet HTML 102Page - STMicroelectronics M58PR256J Datasheet HTML 103Page - STMicroelectronics M58PR256J Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
Flowcharts and pseudo codes
M58PR256J, M58PR512J
100/114
Figure 23.
Block Erase and EFA Block Erase flowchart and pseudo code
1.
Any address within the bank can equally be used.
2.
If an error is found, the Status Register must be cleared before further Program/Erase operations.
Write 20h (Main Array)
or 24h (EFA) (1)
AI06174b
Start
Write Block
Address & D0h
Read Status
Register (1)
YES
NO
SR7 = 1
YES
NO
SR3 = 0
YES
SR4, SR5 = 1
VPP Invalid
Error (2)
Command
Sequence Error (2)
NO
NO
SR5 = 0
Erase Error (2)
End
YES
NO
SR1 = 0
Erase to Protected
Block Error (2)
YES
erase_command ( blockToErase )
/* EFA_erase_command (blockToErase) { */
writeToFlash (blockToErase, 0x20) ;
/* writeToFlash (blockToErase, 0x24) */
/* 20h is the command for Block Erase while 24h is the
command for Erase EFA Block*/
/*see note (1) */
writeToFlash (blockToErase, 0xD0) ;
/* only A12-A20 are significannt */
/* Memory enters read status state after
the Erase Command */
} while (status_register.SR7== 0) ;
do {
status_register=readFlash (blockToErase) ;
/* see note (1) */
/* E or G must be toggled*/
if (status_register.SR3==1) /*VPP invalid error */
error_handler ( ) ;
if ( (status_register.SR4==1) && (status_register.SR5==1) )
/* command sequence error */
error_handler ( ) ;
if (status_register.SR1==1) /*program to protect block error */
error_handler ( ) ;
if ( (status_register.SR5==1) )
/* erase error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com