Electronic Components Datasheet Search
  English  ▼

X  

BFU520 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFU520
Description  NPN Wideband Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFU520 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFU520 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFU520 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFU520 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN Wideband Silicon RF Transistor
BFU520
www.iscsemi.com
2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
hFE
DC Current Gain
IC= 15mA; VCE= 5V
90
--
250
-
Cre
Output feedback capacitance
VCB=8V,IE=0mA,f=1MHz
--
--
1
pF
fT
Current-Gain—Bandwidth Product
VCE=8V,IC=40mA,f=1GHz
--
9
--
GHz
hFE CLASSIFICATION
Marking
B
C
D
hFE
90-130
120-180
170-250
PACKAGE OUTLINE
Dimensions in mm (1mm = 0.0394“)
PIN ARRANGEMENT
Type
Package
Marking
Pin arrangement
BFU520X
SOT-143B
N43
1
2
3
4
Collector
Emitter
Base
Emitter
BFU520
SOT-143B
N37
Collector
Base
Emitter
Emitter
DIM
mm
MIN
MAX
A
2.4
2.5
B
1.2
1.4
C
2.8
3
D
1.9
E
0.45
0.55
F
0.09
0.15
G
0.9
1.1
H
1.7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com