Electronic Components Datasheet Search
  English  ▼

X  

BFU520 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFU520
Description  NPN Wideband Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFU520 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFU520 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFU520 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFU520 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN Wideband Silicon RF Transistor
BFU520
www.iscsemi.com
1
DESCRIPTION
·
Low Noise and High Gain
NF = 1.8 dB TYP
@VCE = 10 V, IC = 10 mA, f = 0.9 GHz
·
High Power Gain
MAG = 9 dB TYP.
@VCE = 8 V, IC = 40 mA, f = 1.0 GHz
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
· Applications Requiring High Supply Voltages And High Breakdown Voltages
· Low Noise Amplifiers For ISM Applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
120
mA
PC
Collector Power Dissipation
@ TC=25℃
0.2
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 100nA; IE= 0A
20
--
--
V
ICBO
Collector Cutoff Current
VCB= 10V; IE= 0A
--
--
0.1
μ
A
IEBO
Emitter Cutoff Current
VEB= 1V; IC= 0A
--
--
0.1
μ
A


Similar Part No. - BFU520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU520 NXP-BFU520 Datasheet
309Kb / 22P
NPN wideband silicon RF transistor
Rev. 2 ??5 March 2014
BFU520A NXP-BFU520A Datasheet
299Kb / 22P
NPN wideband silicon RF transistor
Rev. 1 ??13 January 2014
logo
Inchange Semiconductor ...
BFU520A ISC-BFU520A Datasheet
335Kb / 3P
isc NPN Silicon RF Transistor
logo
NXP Semiconductors
BFU520A PHILIPS-BFU520A_15 Datasheet
299Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W NXP-BFU520W Datasheet
302Kb / 22P
NPN wideband silicon RF transistor
Rev. 1 ??13 January 2014
More results

Similar Description - BFU520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU660F NXP-BFU660F Datasheet
131Kb / 12P
NPN wideband silicon RF transistor
Rev. 1-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com