Electronic Components Datasheet Search
  English  ▼

X  

ATXP6 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # ATXP6
Description  Jumper Free Over Clock Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATXP6 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button ATXP6 Datasheet HTML 2Page - Analog Microelectronics ATXP6 Datasheet HTML 3Page - Analog Microelectronics ATXP6 Datasheet HTML 4Page - Analog Microelectronics ATXP6 Datasheet HTML 5Page - Analog Microelectronics ATXP6 Datasheet HTML 6Page - Analog Microelectronics ATXP6 Datasheet HTML 7Page - Analog Microelectronics ATXP6 Datasheet HTML 8Page - Analog Microelectronics ATXP6 Datasheet HTML 9Page - Analog Microelectronics ATXP6 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AME, Inc.
8
Jumper Free Over Clock Controller
ATXP6
Rev. A.01
n Package Information
SSOP-28
c
h x 45 °
DTEAIL A
D
GAUGE PLANE
?
Detail A
L
R1
?1
R
?2
L1
ZD
B
0.10MM
C
e
MIN
MAX
MIN
MAX
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
-
1.50
-
0.059
b
0.20
0.30
0.008
0.012
D
9.80
10.00
0.386
0.394
E1
3.81
4.00
0.150
0.157
e
E
5.80
6.20
0.228
0.244
h
L
0.41
1.27
0.016
0.500
Π
0
o
8
o
0
o
8
o
0.380BASIC
0.015BASIC
SYMBOLS
MILLIMETERS
INCHES
0.635BASIC
0.025BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com