Electronic Components Datasheet Search
  English  ▼

X  

ATXP6 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # ATXP6
Description  Jumper Free Over Clock Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATXP6 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button ATXP6 Datasheet HTML 2Page - Analog Microelectronics ATXP6 Datasheet HTML 3Page - Analog Microelectronics ATXP6 Datasheet HTML 4Page - Analog Microelectronics ATXP6 Datasheet HTML 5Page - Analog Microelectronics ATXP6 Datasheet HTML 6Page - Analog Microelectronics ATXP6 Datasheet HTML 7Page - Analog Microelectronics ATXP6 Datasheet HTML 8Page - Analog Microelectronics ATXP6 Datasheet HTML 9Page - Analog Microelectronics ATXP6 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AME, Inc.
9
ATXP6
Rev. A.01
Jumper Free Over Clock Controller
SSOP-28
n Tape and Reel Dimension
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SSOP-28
16.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com