Electronic Components Datasheet Search
  English  ▼

X  

L6566A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 4Page - STMicroelectronics L6566A Datasheet HTML 5Page - STMicroelectronics L6566A Datasheet HTML 6Page - STMicroelectronics L6566A Datasheet HTML 7Page - STMicroelectronics L6566A Datasheet HTML 8Page - STMicroelectronics L6566A Datasheet HTML 9Page - STMicroelectronics L6566A Datasheet HTML 10Page - STMicroelectronics L6566A Datasheet HTML 11Page - STMicroelectronics L6566A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Pin settings
L6566A
8/51
2
Pin settings
2.1
Connections
Figure 3.
Pin connection (through top view)
2.2
Pin description
N.C.
GND
GD
Vcc
Vcc_PFC
DIS
VFF
SS
OSC
MODE/SC
COMP
CS
VREF
HVS
AC_OK
ZCD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
N.C.
GND
GD
Vcc
Vcc_PFC
DIS
VFF
SS
OSC
MODE/SC
COMP
CS
VREF
HVS
AC_OK
ZCD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Table 2. Pin functions
N°
Pin
Function
1HVS
High-voltage start-up. The pin, able to withstand 700V, is to be tied directly to the
rectified mains voltage. A 1 mA internal current source charges the capacitor
connected between Vcc pin (5) and GND pin (3) until the voltage on the Vcc pin
reaches the turn-on threshold, then it is shut down. Normally, the generator is re-
enabled when the Vcc voltage falls below 5V to ensure a low power throughput
during short circuit. Otherwise, when a latched protection is tripped the generator is
re-enabled 0.5V below the turn-on threshold, to keep the latch supplied; or, when
the IC is turned off by pin COMP (9) pulled low the generator is active just below
the UVLO threshold to allow a faster restart.
2N.C.
Not internally connected. Provision for clearance on the PCB to meet safety
requirements.
3GND
Ground. Current return for both the signal part of the IC and the gate drive. All of
the ground connections of the bias components should be tied to a track going to
this pin and kept separate from any pulsed current return.
4GD
Gate driver output. The totem pole output stage is able to drive power MOSFET’s
and IGBT’s with a peak current capability of 800 mA source/sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com