Electronic Components Datasheet Search
  English  ▼

X  

L6566A Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 32Page - STMicroelectronics L6566A Datasheet HTML 33Page - STMicroelectronics L6566A Datasheet HTML 34Page - STMicroelectronics L6566A Datasheet HTML 35Page - STMicroelectronics L6566A Datasheet HTML 36Page - STMicroelectronics L6566A Datasheet HTML 37Page - STMicroelectronics L6566A Datasheet HTML 38Page - STMicroelectronics L6566A Datasheet HTML 39Page - STMicroelectronics L6566A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Application information
L6566A
36/51
Figure 23. OVP function: timing diagram
The ZCD pin will be connected to the auxiliary winding through a resistor divider RZ1, RZ2
(see Figure 8 on page 20). The divider ratio kOVP = RZ2 / (RZ1 + RZ2) will be chosen equal
to:
Equation 10
where VoutOVP is the output voltage value that is to activate the protection, Ns the turn
number of the secondary winding and Naux the turn number of the auxiliary winding. The
value of RZ1 will be such that the current sourced by the ZCD pin be within the rated
capability of the internal clamp:
Equation 11
where Vinmax is the maximum dc input voltage and Ns the turn number of the primary
winding. See Section 5.2: Zero current detection and triggering block; oscillator block on
page 21
for additional details.
To reduce sensitivity to noise and prevent the latch from being erroneously activated, first
the OVP comparator is active only for a small time window (typically, 0.5 µs) starting 2 µs
after MOSFET’s turn-off, to reject the voltage spike associated to the positive-going edges
of the voltage across the auxiliary winding Vaux; second, to stop the L6566A the OVP
comparator must be triggered for four consecutive switching cycles. A counter, which is
reset every time the OVP comparator is not triggered in one switching cycle, is provided to
this purpose.
t
GD
(pin 4)
Vaux
5V
t
t
t
STROBE
t
COUNTER
RESET
t
COUNTER
STATUS
t
0
ZCD
(pin 11)
2 µs
0.5 µs
OVP
t
FAULT
00
0
0
→11 →22 →00 →11 →22 →33 →4
0
NORMAL OPERATION
TEMPORARY DISTURBANCE
FEEDBACK LOOP FAILURE
t
COUT
Vcc_PFC
(pin 6)
t
Naux
Ns
Vout
5
k
OVP
OVP =
max
3
1
Z
Vin
Np
Naux
10
3
1
R
−
⋅
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com