Electronic Components Datasheet Search
  English  ▼

X  

MNSC140CORE Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 63Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 64Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 65Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 66Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 67Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 68Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 69Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 70Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
Package Description
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
3-5
D5
V8
D41
AB18
D6
U7
D42
AA17
D7
V9
D43
Y14
D8
U8
D44
AB17
D9
U9
D45
AB16
D10
V10
D46
AA15
D11
U10
D47
AB15
D12
V11
D48
AB14
D13
V12
D49
AB13
D14
U11
D50
AB12
D15
U12
D51
Y11
D16
T12
D52
AA11
D17
U13
D53
AB11
D18
V13
D54
AA10
D19
U14
D55
AB10
D20
V14
D56
AB9
D21
T14
D57
AB8
D22
U15
D58
Y8
D23
T15
D59
AA7
D24
V16
D60
Y7
D25
U16
D61
AB7
D26
U17
D62
AB6
D27
V17
D63
AA6
D28
U18
DACK1
G21
D29
V18
DACK1
T18
D30
T19
DACK2
F22
D31
U19
DACK2
R19
D32
W18
DACK3
T17
D33
W16
DACK4
T16
D34
Y19
DBB
H13
D35
AA19
DBG
J12
D36
AB20
DONE1
F19
D37
Y18
DONE2
G22
D38
AA18
DP0
P19
D39
AB19
DP1
T18
D40
W14
DP2
R19
Table 3-1.
MSC8122 Signal Listing By Name (Continued)
Signal Name
Location
Designator
Signal Name
Location
Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com