Electronic Components Datasheet Search
  English  ▼

X  

AM2-2 Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # AM2-2
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM2-2 Datasheet(HTML) 1 Page - Ashcroft, Inc.

  AM2-2 Datasheet HTML 1Page - Ashcroft, Inc. AM2-2 Datasheet HTML 2Page - Ashcroft, Inc. AM2-2 Datasheet HTML 3Page - Ashcroft, Inc. AM2-2 Datasheet HTML 4Page - Ashcroft, Inc. AM2-2 Datasheet HTML 5Page - Ashcroft, Inc. AM2-2 Datasheet HTML 6Page - Ashcroft, Inc. AM2-2 Datasheet HTML 7Page - Ashcroft, Inc. AM2-2 Datasheet HTML 8Page - Ashcroft, Inc. AM2-2 Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
Monitor up to 3 parameters at once: pressure,
temperature, voltage or current
Built in data logging up to 16,000 records
SD memory card slot for additional data log storage
USB Communication interface
IP65/NEMA 4X for all weather functionality
Interchangeable pressure module to measure from
0.25 in. H2O up to 10,000 psi
ORDERING CODE
P/N:
Description
Version
ATE 2ST
Ashcroft base unit
Standard
ATE 2IS
Ashcroft base unit
Intrinsically safe
ATE-2
Handheld Calibrator
OPTIONAL APPROVALS
Hazardous Location Version (Battery Powered Only):
Note: Loop power supply is not included with Intrinsically Safe Units
FM Intrinsic Safety
CL 1, Div 1, Gr A, B, C, D
CSA Intrinsic Safety
CL 1, Div 1, Gr A, B, C, D
ATEX Ex ia ii c T4 Ga –20°C<Ta<50°C
Power Requirements:
(4) AA Batteries or via USB power supply or USB
universal AC adapter 100-240 Vac,
50/60 Hz included
Battery Life:
Up to 40 hours battery with 2 modules installed
Certification:
Traceable calibration certificate provided for base
unit and Quick-Select™ sensor modules
Agency Approvals:
CE/UKCA, FCC (CFR47), UL 61010-1
Dimensions:
8.7˝, (L) X 5.1˝, (W) X 3.8˝, (H)
Unit Weight:
2.4 lb (no modules)
Case Materials:
High Impact PC-ABS
Enclosure:
IP65/NEMA 4X
0518
2813
SPECIFICATIONS
Sensor Inputs:
Two Interchangeable pressure and temperature
module bays, banana jack inputs for DC voltage or
current monitoring
Pressure Modules:
Pressure ranges from 0.25 in. H2O up to 10,000 psi
Accuracy from ±0.025% to ±0.1% of span
Hot Swap capable.
LCD Display:
2.5˝ (W) x 1.5˝ (H) displays 3 simultaneous
measurements, back light, flip screen capability
Electrical Connection:
4 mm banana jacks – 1 set of test leads included
Loop Power Supply:
24 Vdc-35 mA maximum (non I.S. only)
Available Engineering
Units:
psi, in. H2O, in. Hg, ft SW, bar, mbar, kPa, MPa,
mm Hg, cm H2O, mm H2O, kg/cm2, user
programmable
Operating Temp. Range: -4 °F to 120 °F (-20 °C to 49 °C)
Storage Temperature:
-4 °F to 158 °F (-20 °C to 70 °C)
Update Rate:
100 ms – 1 module installed
200 ms – 2 modules installed
300 ms – 2 modules installed and external input
Resolution:
±0.001% span; 99,999 counts
Electrical
Measurements:
0-20 mA or 0-30 Vdc
Accuracy:
Input
Volts
Accuracy
0/10 Vdc
±0.025% of span
10/30 Vdc
±0.10% of span
0-20 mA
±0.03% of span
Warm-Up Time:
5 minutes for rated accuracy
Programmable Filtering
(Damping):
Levels 1 through 16
Temperature Effect
Electrical Measurement:
±0.001% of span per °F over compensated range
from reference temperature of 70 °F (±3 °F)
Serial Interface:
USB (Micro-B connector type)
Field Calibration:
Base Unit and pressure modules may be
field-calibrated via keypad commands
Data Logging:
• Internal storage for up to 64 data logs and up
to 16,000 records; transferable to SD card
• Manual/automatic data logging capability
• Programmable data intervals (0.1 sec. to 24 hrs.)


Similar Part No. - AM2-2

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
AM2-12B RAYEX-AM2-12B Datasheet
431Kb / 2P
AM2 SERIES
AM2-12P RAYEX-AM2-12P Datasheet
431Kb / 2P
AM2 SERIES
logo
PANDUIT CORP.
AM2-C PANDUIT-AM2-C Datasheet
73Kb / 1P
Tie Mounts - Applied with User Supplied Adhesives
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
Hydraulic-Magnetic Circuit Breaker
More results

Similar Description - AM2-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Analog Devices
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
RF ATE Applications
HMC842 AD-HMC842 Datasheet
961Kb / 11P
RF ATE Applications
HMC747LC3C AD-HMC747LC3C Datasheet
638Kb / 8P
RF ATE Applications
logo
Energizer
ENFHHL41E ENERGIZER-ENFHHL41E Datasheet
239Kb / 1P
2-in-1 Handheld Flashlight
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com