Electronic Components Datasheet Search
  English  ▼

X  

AM2-2 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # AM2-2
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM2-2 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  AM2-2 Datasheet HTML 1Page - Ashcroft, Inc. AM2-2 Datasheet HTML 2Page - Ashcroft, Inc. AM2-2 Datasheet HTML 3Page - Ashcroft, Inc. AM2-2 Datasheet HTML 4Page - Ashcroft, Inc. AM2-2 Datasheet HTML 5Page - Ashcroft, Inc. AM2-2 Datasheet HTML 6Page - Ashcroft, Inc. AM2-2 Datasheet HTML 7Page - Ashcroft, Inc. AM2-2 Datasheet HTML 8Page - Ashcroft, Inc. AM2-2 Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
AM2-1
Pressure Module
AM2-2
Pressure Module
STANDARD FUNCTIONS
m
Data logging allows the user to save
pressure, temperature and or electronic
values displayed on the LCD to internal
memory. Internal memory can hold up
to 64 data log files and a total of up
to 16,000 individual records. Manual
logging is initiated with a single key
press. Automatic data logging can be
programmed to collect data at timed
intervals between 0.1 second and 24
hours.
m
SD Memory Card Slot gives the ATE-2
additional data storage capability
limited only by the capacity of the SD
card installed. Data logs stored on
the SD card are saved in .csv format
which can be read by most spread-
sheet programs. Data can easily be
transferred from the ATE-2 to a PC.
m
Loop Power Supply is a standard
feature on non-I.S. units and allows the
user to conveniently power the device
under test with 24 Vdc up to 35 mA
m
Percent Error Function can be used
when calibrating pressure transducers.
Calculations are performed by the
ATE-2 eliminating potential for human
errors. This function enables the user to
program the full scale range and electri-
cal output of the transducer under test,
and will display the actual pressure and
electrical output readings as well as a
percentage value comparing the actual
output to the theoretical output.
m
Switch Test Function allows the
operator to calibrate and document the
pressure switch function. The onboard
display will show pressure switch trip
point, reset point and will calculate
switch deadband. All calculations are
performed by the ATE-2 eliminating
potential for human errors
m
Dual Mode Function allows the
operator to add or subtract the
measured pressure values from two
installed Quick-Select™ pressure mod-
ules. This allows for measurement of
“high-line” or elevated static differen-
tial pressures. This feature also offers
the ability to add barometric pressure
from an absolute pressure module to
the measured pressure from a gauge
pressure module, giving the user the
ability to measure a variety of absolute
pressures without using designated
modules.
ATE-2
Handheld Calibrator
m
Leak Detect the ATE-2 provides the
ability to detect and quantify leaks in
terms of pressure decay over time. In
the pressure decay over time mode the
ATE-2 will monitor the desired pres-
sure vessel for the programmed time
interval and, at the end of the monitor-
ing time period, display the measured
change in pressure.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com