Electronic Components Datasheet Search
  English  ▼

X  

A4ADCCJ Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # A4ADCCJ
Description  A4A Precision Pressure Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A4ADCCJ Datasheet(HTML) 4 Page - Ashcroft, Inc.

  A4ADCCJ Datasheet HTML 1Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 2Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 3Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 4Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dial
Size
(inches)
A
B
C
D
E
E1
E2
FM
FF
G
HF
HM
J
K
L
6˝
77⁄8
[200]
7
[177.8]
6½
[165.1]
7
[177.8]
2
[50.8]
17⁄8
[47.6]
1¼
[31.8]
49⁄16
[115.8]
4¼
[107.9]
3¼
[82.5]
11⁄16
[27]
13⁄8
[34.9]
327⁄32
[97.6]
5
⁄8
[15.9]
215⁄32
[62.7]
8½˝
105⁄16
[261.9]
93⁄8
[238.1]
815⁄16
[227]
9½
[241.3]
2
[50.8]
17⁄8
[47.6]
1¼
[31.8]
543⁄64
[144]
523⁄64
[136.1]
3¼
[82.5
11⁄16
[27]
13⁄8
[34.9]
41⁄32
[102.4]
5
⁄8
[15.9]
221⁄32
[67.4]
12˝
1321⁄32
[346.9]
12¾
[323.9]
123⁄8
[314.3]
9½
[241.3]
2
[50.8]
17⁄8
[47.6]
1¼
[31.8]
543⁄64
[144]
523⁄64
[136.1]
3¼
[82.5]
11⁄16
[27]
13⁄8
[34.9]
41⁄32
[102.4]
5
⁄8
[15.9]
221⁄32
[67.4]
16˝
1723⁄32
[450.1]
16¾
[425.5]
163⁄8
[415.9]
9½
[241.3]
3¼
[82.5
15⁄16
[33.3]
163⁄64
[50.4]
59⁄16
[141.3]
5¼
[133.4]
325⁄64
[86.1]
11⁄16
[27]
13⁄8
[34.9]
41⁄16
[103.1]
41
⁄64
[16.3]
221⁄32
[67.4]
Pressure Connection* (P)
Pressure Connection is illustrated in both back and bottom configurations
Approximate Weight
Dial Size (inches)
6˝
8½˝
12˝
16˝
Net Weight (lbs)
4½
7¾
10¾
14¼
Shipping Weight
7
10
15
21
*Standard Process Connection: ¼ NPT Female Back Connection for ranges up to and including 10,000 psi,
9
⁄16-18 UNF-2B Female for ¼ HP tubing compatible with AMINCO 45-11310 or AUTOCLAVE F-250-C
for ranges over 10,000 psi
FRONT VIEW
PANEL MOUNTING
SIDE VIEW
WALL MOUNTING
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
PRESSURE TYPE DEFINITIONS
Gauge Pressure Gauge:
Indicates pressure using ambient atmospheric
pressure as the zero datum point.
Compound Pressure Gauge:
Indicates pressure both above and below ambient
atmospheric pressure using atmospheric pressure
as the zero datum point.
Vacuum Gauge:
Indicates pressure below ambient atmospheric
pressure using atmospheric pressure as the zero
datum point.
Absolute Pressure Gauge:
Indicates pressure above zero absolute pressure
(full vacuum).Heise absolute pressure gauges
DO NOT incorporate automatic atmospheric
barometric pressure compensation. The barometric
pressure at the time of use must be set in the
gauge using the external adjustment dial.
of 5
4
Data Sheet
A4A Precision Pressure Gauge
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. A4A_gauge_ds_RevE_08-17-20
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com