Electronic Components Datasheet Search
  English  ▼

X  

A4ADCCJ Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # A4ADCCJ
Description  A4A Precision Pressure Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A4ADCCJ Datasheet(HTML) 1 Page - Ashcroft, Inc.

  A4ADCCJ Datasheet HTML 1Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 2Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 3Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 4Page - Ashcroft, Inc. A4ADCCJ Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
±0.1% of span accuracy (ASME B 40.100 Grade 4A)
Ranges from vacuum to 100,000 psi, gauge, absolute
and compound pressure
Mirror band dial and knife edge pointer to eliminate
parallax error
Solid front protective case
External zero adjustment
KEY BENEFITS
• High accuracy for precision pressure
measurement
•Many process connection options
•Dual engineering unit scale optional
of 4
1
FEATURES
Mirror-band dial and knife-edge pointer to eliminate
parallax error
Ranges from Vacuum to 100,000 psi, gauge, absolute
and compound pressure
Solid-front protective case
Temperature-compensated movement significantly
reduces temperature error
TYPICAL USES
Test Laboratories
Precision Test and Measurement Validation
Calibration Laboratories
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2018 Ashcroft Inc. Ash_Bul_A4A_pressure_ds, Rev. A, 02/18
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
A4A Precision Pressure Gauge
SPECIFICATIONS
Accuracy:
±0.1% of span (ASME B40.100 Grade 4A)
(includes NIST Traceable Calibration Certification)
Sizes:
6˝, 8½˝, 12˝, 16˝
Ranges:
Vacuum, Compound to 10,000 psi (absolute
pressure available)
Process Connection
Size:
¼ NPT Female bottom
1
⁄8 NPT Male or Female – back or bottom
¼ NPT Male or Female – back or bottom
9
⁄16-18 UNF-2B Female for ¼ HP tubing
MS33649-4 Female only – back or bottom
MS33656-4 Male only – back or bottom
MS-16142 Female only – back or bottom
Mil-G-18997D Male only – back or bottom
Pointer Travel:
350°: up to 30,000 psi
300°: 40,000 to 50,000 psi
270°: 60,000 thru 100,000 psi
Dial:
Zero adjustable aluminum, white background, black
numerals with polished mirror band
Repeatability:
±0.02% of span
Hysteresis:
<0.1% of span
Sensitivity:
0.01% of span
WETTED COMPONENTS
Bourdon Tube
Process Connection
0/15 psi through 0/40 psi: Beryllium copper
0/50 psi through 0/100,000 psi: 403 SS
303 SS
NON-WETTED COMPONENTS
Case Material
Enclosure Rating
Cast aluminum, solid front, blow out
rear cover; Integral panel mounting
flange
Case is not sealed, recommended for
weather protected environment only
OPTIONAL FEATURES
Temperature
Compensation:
-25°F to 125°F
Peak Load Indicator:
6”, 8 ½”, 12”, 16”
Wall Mount:
6”, 8 ½”, 12”, 16”
Consult Factory For:
Special cleaning for Oxygen Services, Special
scale and Calibration options, Slotted Link
options, and Dual Scale opttions
A4A
6˝, 8½˝, 12˝, 16˝ dial sizes
KEY BENEFITS
• Epozy-coated system for corrosion resistance
• Rugged SS construction
• Integral span adjustment
• Compact design
A4A
6˝, 8½˝, 12˝ or 16˝ dial sizes
SPECIFICATIONS
Accuracy:
±0.1% of span (ASME B40.100 Grade 4A)
Includes NIST Traceable Calibration Certification
Hysteresis:
<0.1% of span
Hysteresis may exceed ±0.1% of span for ranges
equal to greater than 75,000 psi
(±0.3% typical not to exceed ±0.4% of span)
Case Size:
6˝, 8½˝, 12˝ or 16˝
Enclosure Rating:
Case is not sealed, recommended for weather
protected environment only
Process Connection
Size:
¼ NPT Female
1
⁄8 NPT Male or female
¼ NPT Male or female
9
⁄16˝-18 UNF-2B Female for ¼˝ HP tubing
MS33649-4 Female only
MS33656-4 Male only
MS-16142 Female only
Mil-G-18997D Male only
• Standard Inlet Fittings: ¼ NPT Female back connection for
ranges up to and including 10,000 psi.
• Ranges greater than 10,000 psi 9⁄16 -18 UNF Female
compatible with AND10050-4, Aminco 45-11310 and
Autoclave F-250-C.
Process Connection
Location:
Back, bottom
Case Style:
Solid front, blow out rear cover, with intregal panel
mounting flange
Mounting Options:
Intregal panel mount or optional wall mount bracket
Pointer Travel:
350 Degrees up to 30,000 psi
300 Degrees 40,000 to 50,000 psi
270 Degrees 60,000 thru 100,000 psi
Options:
Thermal compensation from –25°F to +125°F
NON-WETTED COMPONENTS
Model
Case Material
Cast Aluminum
A4A
Enclosure Rating
Case is not sealed,
recommended for weather protected
environment only
OPTIONS
Thermal Compensation: Bimetalic compensator corrects effects of ambient tem-
perature on bourdon tube to maintain accuracybetween -25°F and +125°F
Slotted Link: Protects gauge movement from damage caused bysudden release of
pressure, such as burst testing applications
Peak Load Indicator: “Max Hand” red pointer which remains in position after
being pushed by the primary pointer. External knob allows for manual reset.
Peak Load Indicator: Special units of measure and dual scales can be customized
to meet customer requirements.
Curstom Scales : Special units of measure and dual scales can be customized to
meet customer requirements.
Hand Carry Case: Sturdy lightly paded case for storage and hand carry of gauge.
Not suitable for use as stand alone shipping container.
WETTED COMPONENTS
Model
Inlet Fitting
303SS
A4A
Bourdon Tube
Beryllium copper: 0/15 psi through 0/40 psi
403 SS: 0/50 psi through 0/100,000 psi
of 5
1
Data Sheet
A4A Precision Pressure Gauge
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. A4A_gauge_ds_RevE_08-17-20
ashcroft.com
info@ashcroft.com
1.800.328.8258


Similar Part No. - A4ADCCJ

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
A4AAF ASC-A4AAF Datasheet
25Kb / 1P
A-Package, 4 pin, No Port Cut, No Barb, Flat Leads
More results

Similar Description - A4ADCCJ

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
2849914 FESTO-2849914 Datasheet
109Kb / 2P
Precision pressure gauge
8/11/22
2849916 FESTO-2849916 Datasheet
111Kb / 2P
Precision pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com