Electronic Components Datasheet Search
  English  ▼

X  

MSC7116 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Electrical Characteristics
Freescale Semiconductor
24
2.5.3
Reset Timing
The MSC7116 device has several inputs to the reset logic. All MSC7116 reset sources are fed into the reset controller, which
takes different actions depending on the source of the reset. The reset status register indicates the most recent sources to cause
a reset. Table 14 describes the reset sources.
Table 15 summarizes the reset actions that occur as a result of the different reset sources.
2.5.3.1
Power-On Reset (PORESET) Pin
Asserting PORESET initiates the power-on reset flow. PORESET must be asserted externally for at least 16 CLKIN cycles after
external power to the MSC7116 reaches at least 2/3 VDD.
Table 14. Reset Sources
Name
Direction
Description
Power-on reset
(PORESET)
Input
Initiates the power-on reset flow that resets the MSC7116 and configures various attributes of the
MSC7116. On PORESET, the entire MSC7116 device is reset. SPLL and DLL states are reset,
HRESET is driven, the SC1400 extended core is reset, and system configuration is sampled. The
system is configured only when PORESET is asserted.
External Hard
reset (HRESET)
Input/ Output
Initiates the hard reset flow that configures various attributes of the MSC7116. While HRESET is
asserted, HRESET is an open-drain output. Upon hard reset, HRESET is driven and the SC1400
extended core is reset.
Software
watchdog reset
Internal
When the MSC7116 watchdog count reaches zero, a software watchdog reset is signalled. The
enabled software watchdog event then generates an internal hard reset sequence.
Bus monitor
reset
Internal
When the MSC7116 bus monitor count reaches zero, a bus monitor hard reset is asserted. The
enabled bus monitor event then generates an internal hard reset sequence.
JTAG EXTEST,
CLAMP, or
HIGHZ command
Internal
When a Test Access Port (TAP) executes an EXTEST, CLAMP, or HIGHZ command, the TAP logic
asserts an internal reset signal that generates an internal soft reset sequence.
Table 15. Reset Actions for Each Reset Source
Reset Action/Reset Source
Power-On Reset
(PORESET)
Hard Reset
(HRESET)
Soft Reset
(SRESET)
External only
External or
Internal (Software
Watchdog or Bus
Monitor)
JTAG Command:
EXTEST, CLAMP,
or HIGHZ
Configuration pins sampled (refer to Section 2.5.3.1 for
details).
Yes
No
No
PLL and clock synthesis states Reset
Yes
No
No
HRESET Driven
Yes
Yes
No
Software watchdog and bus time-out monitor registers
Yes
Yes
Yes
Clock synthesis modules (STOPCTRL, HLTREQ, and
HLTACK) reset
Yes
Yes
Yes
Extended core reset
Yes
Yes
Yes
Peripheral modules reset
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com