Electronic Components Datasheet Search
  English  ▼

X  

MSC7116 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Freescale Semiconductor
37
2.5.9
UART Timing
2.5.10
EE Timing
Figure 24 shows the signal behavior of the EE pin.
Table 27. UART Timing
No.
Characteristics
Expression
Min
Max
Unit
—
Internal bus clock (APBCLK)
FCORE/2
—
133
MHz
—
Internal bus clock period (1/APBCLK)
TAPBCLK
7.52
—
ns
400
URXD and UTXD inputs high/low duration
16
× TAPBCLK
120.3
—
ns
401
URXD and UTXD inputs rise/fall time
—
5
ns
402
UTXD output rise/fall time
—
5
ns
Figure 21. UART Input Timing
Figure 22. UART Output Timing
Table 28. EE0 Timing
Number
Characteristics
Type
Min
65
EE0 input to the core
Asynchronous
4 core clock periods
66
EE0 output from the core
Synchronous to core clock
1 core clock period
Notes:
1.
The core clock is the SC1400 core clock. The ratio between the core clock and CLKOUT is configured during power-on-reset.
2.
Configure the direction of the EE pin in the EE_CTRL register (see the SC140/SC1400 Core Reference Manual for details.
3.
Refer to Table 1-11 on page 1-16 for details on EE pin functionality.
Figure 23. EE Pin Timing
UTXD, URXD
400
inputs
400
401
401
UTXD Output
402
402
EE0 In
65
EE0 Out
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com