Electronic Components Datasheet Search
  English  ▼

X  

1689899 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1689899
Description  VS-25-ST-DSUB-EG - Contact insert
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1689899 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1689899 Datasheet HTML 1Page - PHOENIX CONTACT 1689899 Datasheet HTML 2Page - PHOENIX CONTACT 1689899 Datasheet HTML 3Page - PHOENIX CONTACT 1689899 Datasheet HTML 4Page - PHOENIX CONTACT 1689899 Datasheet HTML 5Page - PHOENIX CONTACT 1689899 Datasheet HTML 6Page - PHOENIX CONTACT 1689899 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
D-SUB contact insert, shell size 3, with 25 signal contacts, type of contact pin, with solder cup,
straight, fixing with a 3 mm hole, for panel mounting frame and sleeve housing VS-25-...
Your advantages
Compatible with IP67 sleeve housing and panel-mount frame
•
Easy assembly
•
D-SUB 25 connection
•
Commercial data
Item number
1689899
Packing unit
50 pc
Minimum order quantity
1 pc
Sales key
AB19
Product key
ABNCAA
Catalog page
Page 210 (C-2-2013)
GTIN
4017918914295
Weight per piece (including packing)
16.5 g
Weight per piece (excluding packing)
10.76 g
Customs tariff number
85369010
Country of origin
DE
VS-25-ST-DSUB-EG - Contact insert
1689899
https://www.phoenixcontact.com/us/products/1689899
Jan 21, 2025, 12:40 AM
Page 1 (7)


Similar Part No. - 1689899

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1689802 PHOENIX-1689802 Datasheet
53Kb / 2P
D-SUB EMC inner sleeve - VS-25-TI-2 EMV
1689828 PHOENIX-1689828 Datasheet
54Kb / 2P
D-SUB coupling - VS-09-KU-BU/BU1
1689844 PHOENIX-1689844 Datasheet
118Kb / 7P
Panel mounting frames - VS-08-A-RJ45/MOD-1-R-IP67
09/11/2020
1689873 PHOENIX-1689873 Datasheet
77Kb / 4P
Contact insert - VS-25-ST-DSUB-ER
1689886 PHOENIX-1689886 Datasheet
126Kb / 6P
Contact insert - VS-25-BU-DSUB-ER
09/11/2020
More results

Similar Description - 1689899

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1655179 PHOENIX-1655179 Datasheet
75Kb / 4P
D-SUB contact insert - VS-15-ST-DSUB-HD-EG
1655221 PHOENIX-1655221 Datasheet
78Kb / 4P
D-SUB contact insert - VS-25-BU-DSUB-HD-EG
1655234 PHOENIX-1655234 Datasheet
76Kb / 4P
D-SUB contact insert - VS-25-ST-DSUB-HD-EG
1688793 PHOENIX-1688793 Datasheet
57Kb / 3P
Contact insert - VS-09-ST-DSUB-EG
1688803 PHOENIX-1688803 Datasheet
71Kb / 3P
Contact insert - VS-09-BU-DSUB-EG
1688874 PHOENIX-1688874 Datasheet
70Kb / 3P
Contact insert - VS-15-ST-DSUB-EG
1688887 PHOENIX-1688887 Datasheet
70Kb / 3P
Contact insert - VS-15-BU-DSUB-EG
1689873 PHOENIX-1689873 Datasheet
77Kb / 4P
Contact insert - VS-25-ST-DSUB-ER
1689909 PHOENIX-1689909 Datasheet
91Kb / 3P
VS-25-BU-DSUB-EG
1689912 PHOENIX-1689912 Datasheet
61Kb / 3P
D-SUB contact insert - VS-25-ST-DSUB-FK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com