Electronic Components Datasheet Search
  English  ▼

X  

1689899 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1689899
Description  VS-25-ST-DSUB-EG - Contact insert
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1689899 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1689899 Datasheet HTML 1Page - PHOENIX CONTACT 1689899 Datasheet HTML 2Page - PHOENIX CONTACT 1689899 Datasheet HTML 3Page - PHOENIX CONTACT 1689899 Datasheet HTML 4Page - PHOENIX CONTACT 1689899 Datasheet HTML 5Page - PHOENIX CONTACT 1689899 Datasheet HTML 6Page - PHOENIX CONTACT 1689899 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Male insert
Type
D-SUB
Number of positions
25
Connection profile
D-SUB 25
Type
Male
Shielded
no
Insulation characteristics
Overvoltage category
III
Degree of pollution
2
Electrical properties
Rated voltage in acc. with IEC 61076-2-101
400 V
Rated voltage (III/3)
125 V
Rated surge voltage
1 kV
Rated current
5 A (at 20 °C)
Test voltage
1200 V
Transmission medium
Copper
Connection data
Connection method
Solder cup
Dimensions
Width
14.3 mm
Height
53.4 mm
Length
12.93 mm
Material specifications
Flammability rating according to UL 94
V0
Housing material
Steel, tin-plated
Contact material
Copper alloy
Contact surface material
Hard gold-plated over nickel
Contact carrier material
PBT-GF
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
≥ 50
Insertion force per signal contact
≤ 3.40 N
Environmental and real-life conditions
VS-25-ST-DSUB-EG - Contact insert
1689899
https://www.phoenixcontact.com/us/products/1689899
Jan 21, 2025, 12:40 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com